Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8113JST Datasheet (PDF) - Analog Devices

AD8113JST Datasheet PDF - Analog Devices
Part # AD8113JST
Download  AD8113JST Download
File Size   1391.02 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch

AD8113JST Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8113JST Datasheet PDF - Analog Devices

Part # AD8113JST
Download  AD8113JST Click to download

File Size   1391.02 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch

AD8113JST Datasheet (HTML) - Analog Devices


AD8113JST Product details

PRODUCT DESCRIPTION
The AD8113 is a fully buffered crosspoint switch matrix that operates on ±12 V for audio applications and ±5 V for video applications. It offers a –3 dB signal bandwidth greater than 60 MHz and channel switch times of less than 60 ns with 0.1% settling for use in both analog and digital audio. The AD8113 operated at 20 kHz has crosstalk performance of –83 dB and isolation of 90 dB. In addition, ground/power pins surround all inputs and outputs to provide extra shielding for operation in the most demanding audio routing applications. The differential gain and differential phase of better than 0.1% and 0.1°, respectively, along with 0.1 dB flatness out to 10 MHz, make the AD8113 suitable for many video applications.

FEATURES
   16 x 16 High Speed Nonblocking Switch Array
   Serial or Parallel Programming of Switch Array
   Serial Data Out Allows Daisy Chaining Control of
      Multiple 16 x 16s to Create Larger Switch Arrays
   Output Disable Allows Connection of Multiple Devices
      without Loading the Output Bus
   Complete Solution
      Buffered Inputs
      16 Output Amplifiers
      Operates on ±5 V or ±12 V Supplies
      Low Supply Current of 54 mA
   Excellent Audio Performance VS = ±12 V
      ±10 V Output Swing
      0.002% THD @ 20 kHz Max. 20 V p-p (RL = 600 Ω)
   Excellent Video Performance VS = ±5 V
      10 MHz 0.1 dB Gain Flatness
      0.1% Differential Gain Error (RL = 1 kΩ)
      0.1° Differential Phase Error (RL = 1 kΩ)
   Excellent AC Performance
      –3 dB Bandwidth 60 MHz
   Low All Hostile Crosstalk of
      –83 dB @ 20 kHz
   Reset Pin Allows Disabling of All Outputs (Connected
      to a Capacitor to Ground Provides Power-On
      Reset Capability)
   100-Lead LQFP (14 mm x 14 mm)

APPLICATIONS
   Analog/Digital Audio Routers
   Video Routers (NTSC, PAL, S-VIDEO, SECAM)
   Multimedia Systems
   Video Conferencing
   CCTV Surveillance




Similar Part No. - AD8113JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
More results


Similar Description - AD8113JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
16 x 16 Crosspoint Switch Array
AD8116 AD-AD8116 Datasheet
287Kb / 26P
200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV.A
AD8112 AD-AD8112 Datasheet
527Kb / 28P
Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8177 AD-AD8177 Datasheet
854Kb / 40P
500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
750 MHz, 16 x 16 Analog Crosspoint Switch
REV. 0
ADV3205 AD-ADV3205 Datasheet
341Kb / 20P
60 MHz, G = 2, 16 횞 16
REV. 0
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
logo
Maxim Integrated Produc...
MAX9675 MAXIM-MAX9675 Datasheet
802Kb / 27P
110MHz, 16 x 16 Video Crosspoint Switch with Programmable Gain
Rev 0; 7/08
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com