Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8116 Datasheet (PDF) - Analog Devices

AD8116 Datasheet PDF - Analog Devices
Part # AD8116
Download  AD8116 Download
File Size   287.4 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 200 MHz, 16 x 16 Buffered Video Crosspoint Switch

AD8116 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8116 Datasheet PDF - Analog Devices

Part # AD8116
Download  AD8116 Click to download

File Size   287.4 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 200 MHz, 16 x 16 Buffered Video Crosspoint Switch

AD8116 Datasheet (HTML) - Analog Devices


AD8116 Product details

PRODUCT DESCRIPTION
The AD8116 is a high speed 16 × 16 video crosspoint switch matrix. It offers a –3 dB signal bandwidth greater than 200 MHz and channel switch times of 60 ns with 0.1% settling. With –70 dB of crosstalk and –105 dB of isolation (@ 5 MHz), the AD8116 is useful in many high speed applications. The differential gain and differential phase errors of better than 0.01% and 0.01°, respectively, along with 0.1 dB flatness out to 60 MHz make the AD8116 ideal for video signal switching.

FEATURES
   Large 16 x 16 High Speed Nonblocking Switch Array
   Switch Array Controllable via an 80-Bit Serial Word
   Serial Data Out Allows “Daisy Chaining” of Multiple
      AD8116s to Create Large Switch Arrays Over 256 x 256
   Complete Solution
      Buffered Inputs
      16 Individual Output Amplifiers
      Drives 150 Ω Loads
   Excellent Video Performance
      60 MHz 0.1 dB Gain Flatness
      0.01% Differential Gain Error (RL = 150 Ω)
      0.01° Differential Phase Error (RL = 150 Ω)
   Excellent AC Performance
      200 MHz –3 dB Bandwidth
      300 V/μs Slew Rate
   Low Power of 900 mW (3.5 mW per Point)
   Low All Hostile Crosstalk of –70 dB @ 5 MHz
   Output Disable Allows Direct Connection of Multiple
      Device Outputs
   Chip Enable Allows Selection of Individual AD8116s in
      Large Arrays (or Parallel Programming of AD8116s)
   Reset Pin Allows Disabling of All Outputs (Connected
      Through a Capacitor to Ground Provides “Power-On” Reset Capability)
   128-Lead LQFP Package (14 mm x 14 mm)

APPLICATIONS
   Routing of High Speed Signals Including:
      Composite Video (NTSC, PAL, S, SECAM, etc.)
      Component Video (YUV, RGB, etc.)
      3-Level Digital (HDB3)
   Video on Demand
   Ultrasound
   Communication Satellites




Similar Part No. - AD8116

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8116 AD-AD8116 Datasheet
210Kb / 16P
16x16 Buffered Video Crosspoint Switch
AD8116-EB AD-AD8116-EB Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8116JST AD-AD8116JST Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8116JSTZ AD-AD8116JSTZ Datasheet
210Kb / 16P
16x16 Buffered Video Crosspoint Switch
More results


Similar Description - AD8116

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8110 AD-AD8110 Datasheet
441Kb / 28P
260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV.0
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
4/03-Data Sheet changed from REV. 0 to REV. A.
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
750 MHz, 16 x 16 Analog Crosspoint Switch
REV. 0
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8104 AD-AD8104 Datasheet
879Kb / 36P
600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com