Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8110ASTZ Datasheet (PDF) - Analog Devices

AD8110ASTZ Datasheet PDF - Analog Devices
Part # AD8110ASTZ
Download  AD8110ASTZ Download
File Size   416.56 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 260 MHz, 16  8 Buffered Video Crosspoint Switches

AD8110ASTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8110ASTZ Datasheet PDF - Analog Devices

Part # AD8110ASTZ
Download  AD8110ASTZ Click to download

File Size   416.56 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 260 MHz, 16  8 Buffered Video Crosspoint Switches

AD8110ASTZ Datasheet (HTML) - Analog Devices


AD8110ASTZ Product details

PRODUCT DESCRIPTION
The AD8110 and AD8111 are high-speed 16 × 8 video cross point switch matrices. They offer a –3 dB signal bandwidth greater than 260 MHz, and channel switch times of less than 25 ns with 1% settling. With –78 dB of crosstalk and –97 dB isolation (@ 5 MHz), the AD8110/AD8111 are useful in many high-speed applications. The differential gain and differential phase of better than 0.02% and 0.02° respectively, along with 0.1 dB flatness out to 60 MHz, make the AD8110/AD8111 ideal for video signal switching.
The AD8110 and AD8111 include eight independent output buffers that can be placed into a high impedance state for paralleling crosspoint outputs so that off channels do not load the output bus. The AD8110 has a gain of +1, while the AD8111 offers a gain of +2. They operate on voltage supplies of ±5 V while consuming only 50 mA of idle current. The channel switching is performed via a serial digital control (which can accommodate “daisy chaining” of several devices) or via a parallel control, allowing updating of an individual output without reprogramming the entire array.
The AD8110/AD8111 is packaged in an 80-lead LQFP package and is available over the extended industrial temperature range of –40°C to +85°C.

FEATURES
   16 x 8 High-Speed Nonblocking Switch Arrays
      AD8110: G = +1
      AD8111: G = +2
   Serial or Parallel Switch Array Control
   Serial Data Out Allows “Daisy Chaining” of Multiple
      Crosspoints to Create Larger Switch Arrays
   Pin-Compatible with AD8108/AD8109 8 x 8 Switch
      Arrays
   For a 16 x 16 Array See AD8116
   Complete Solution
      Buffered Inputs
      Eight Output Amplifiers, AD8110 (G = +1),
      AD8111 (G = +2)
      Drives 150 V Loads
   Excellent Video Performance
      60 MHz 0.1 dB Gain Flatness
      0.02% Differential Gain Error (RL = 150 V)
      0.028 Differential Phase Error (RL = 150 V)
   Excellent AC Performance
      260 MHz –3 dB Bandwidth
      500 V/ms Slew Rate
   Low Power of 50 mA
   Low All Hostile Crosstalk of –78 dB @ 5 MHz
   Output Disable Allows Direct Connection of Multiple
      Device Outputs
   Reset Pin Allows Disabling of All Outputs (Connected
      Through a Capacitor to Ground Provides “Power
      On” Reset Capability)
   Excellent ESD Rating: Exceeds 4000 V Human Body
      Model
   80-Lead LQFP Package (12 mm x 12 mm)

APPLICATIONS
   Routing of High-Speed Signals Including:
      Composite Video (NTSC, PAL, S, SECAM)
      Component Video (YUV, RGB)
      Compressed Video (MPEG, Wavelet)
      3-Level Digital Video (HDB3)




Similar Part No. - AD8110ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8110ASTZ AD-AD8110ASTZ Datasheet
288Kb / 21P
16x 8 Buffered Video Crosspoint Switches
More results


Similar Description - AD8110ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV.0
AD8110 AD-AD8110 Datasheet
441Kb / 28P
260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV.0
AD8106 AD-AD8106 Datasheet
571Kb / 28P
260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
3/06-Revision 0
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com