Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8108 Datasheet (PDF) - Analog Devices

AD8108 Datasheet PDF - Analog Devices
Part # AD8108
Download  AD8108 Download
File Size   434.33 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 325 MHz, 8 x 8 Buffered Video Crosspoint Switches

AD8108 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8108 Datasheet PDF - Analog Devices

Part # AD8108
Download  AD8108 Click to download

File Size   434.33 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 325 MHz, 8 x 8 Buffered Video Crosspoint Switches

AD8108 Datasheet (HTML) - Analog Devices


AD8108 Product details

GENERAL DESCRIPTION
The AD8108/AD8109 are high speed 8 × 8 video crosspoint switch matrices. They offer a −3 dB signal bandwidth greater than 250 MHz and channel switch times of less than 25 ns with 1% settling. With −83 dB of crosstalk and −98 dB isolation (@5 MHz), the AD8108/AD8109 are useful in many high speed applications.

FEATURES
   8 × 8 high speed nonblocking switch arrays
      AD8108: G = 1
      AD8109: G = 2
   Serial or parallel programming of switch array
   Serial data out allows daisy-chaining of multiple 8 × 8 arrays
      to create larger switch arrays
   Output disable allows connection of multiple devices
   Pin-compatible with AD8110/AD8111 16 × 8 switch arrays
   For 16 × 16 arrays see AD8116
   Complete solution
      Buffered inputs
      Eight output amplifiers
         AD8108 (G = 1)
         AD8109 (G = 2)
      Drives 150 Ω loads
   Excellent video performance
      60 MHz 0.1 dB gain flatness
      0.02%/0.02° differential gain/differential phase error
         (RL = 150 Ω)
   Excellent ac performance
      −3 dB bandwidth: 325 MHz (AD8108), 250 MHz (AD8109)
      Slew rate: 400 V/μs (AD8108), 480 V/μs (AD8109)
   Low power of 45 mA
   Low all hostile crosstalk of −83 dB @ 5 MHz
   Reset pin allows disabling of all outputs (connected through
      a capacitor to ground provides power-on reset capability)
   Excellent ESD rating: exceeds 4000 V human body model
   80-lead LQFP (12 mm × 12 mm)

APPLICATIONS
   Routing of high speed signals including
      Composite video (NTSC, PAL, S, SECAM)
      Component video (YUV, RGB)
      Compressed video (MPEG, Wavelet)
      3-level digital video (HDB3)




Similar Part No. - AD8108

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
469Kb / 27P
8x8 Buffered Video Crosspoint Switches
5/2016-Rev. B to Rev. C
AD8108-EB AD-AD8108-EB Datasheet
994Kb / 33P
325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8108AST AD-AD8108AST Datasheet
994Kb / 33P
325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8108ASTZ AD-AD8108ASTZ Datasheet
469Kb / 27P
8x8 Buffered Video Crosspoint Switches
5/2016-Rev. B to Rev. C
AD8108ASTZ2 AD-AD8108ASTZ2 Datasheet
994Kb / 33P
325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
More results


Similar Description - AD8108

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8110 AD-AD8110 Datasheet
441Kb / 28P
260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV.0
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
16x 8 Buffered Video Crosspoint Switches
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com