Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C05 Datasheet (PDF) - Holtek Semiconductor Inc

HT48C05 Datasheet PDF - Holtek Semiconductor Inc
Part # HT48C05
Download  HT48C05 Download
File Size   264.97 Kbytes
Page   38 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Cost-Effective I/O Type 8-Bit MCU

HT48C05 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48C05 Datasheet PDF - Holtek Semiconductor Inc

Part # HT48C05
Download  HT48C05 Click to download

File Size   264.97 Kbytes
Page   38 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Cost-Effective I/O Type 8-Bit MCU

HT48C05 Datasheet (HTML) - Holtek Semiconductor Inc


HT48C05 Product details

General Description
The HT48R05A-1/HT48C05 and HT48R06A-1/HT48C06 are 8-bit high performance, RISC architecture microcontroller devices specifically designed for cost-effective multiple I/O control product applications. The mask version HT48C05 and HT48C06 are fully pin and functionally compatible with the OTP version HT48R05A-1 and HT48R06A-1 devices.

Features
• Operating voltage:
   fSYS=4MHz: 2.2V~5.5V
   fSYS=8MHz: 3.3V~5.5V
• 13 bidirectional I/O lines
• An interrupt input shared with an I/O line
• 8-bit programmable timer/event counter with over-flow interrupt and 8-stage prescaler
• On-chip crystal and RC oscillator
• Watchdog Timer
• Program memory ROM:
   512x14 for HT48R05A-1/HT48C05
   1024x14 for HT48R06A-1/HT48C06
• Data memory RAM
   328 for HT48R05A-1/HT48C05
   648 for HT48R06A-1/HT48C06
• Buzzer driving pair and PFD supported
• HALT function and wake-up feature reduce power consumption
• Up to 0.5μs instruction cycle with 8MHz system clock at VDD=5V
• All instructions in one or two machine cycles
• 14-bit table read instruction
• Two-level subroutine nesting
• Bit manipulation instruction
• Powerful instructions:
   62 for HT48R05A-1/HT48C05
   63 for HT48R06A-1/HT48C06
• Low voltage reset function
• 16-pin SSOP package
   18-pin DIP/SOP package




Similar Part No. - HT48C05

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48C05 HOLTEK-HT48C05_08 Datasheet
287Kb / 39P
Cost-Effective I/O Type 8-Bit MCU
More results


Similar Description - HT48C05

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
Cost-Effective A/D Type 8-Bit MCU
December 28, 2004
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
Cost-Effective A/D Type 8-Bit MCU
July 19, 2005
HT48R07A-1 HOLTEK-HT48R07A-1 Datasheet
298Kb / 37P
Cost-Effective I/O Type 8-Bit MCU
March 13, 2006
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
Cost-Effective A/D Type 8-Bit MCU
August 15, 2007
HT48R0AA-1 HOLTEK-HT48R0AA-1 Datasheet
262Kb / 40P
Cost-Effective I/O Type 8-Bit OTP MCU
July 27, 2007
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
Cost-Effective I/O Type 8-Bit MCU
October 30, 2006
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
Cost-Effective A/D Type 8-Bit MCU
November 28, 2007
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
Cost-Effective I/O Type 8-Bit MCU
December 30, 2008
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
Cost-Effective I/O 8-Bit OTP MCU
April 11, 2017
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com