Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R4A Datasheet (PDF) - Holtek Semiconductor Inc

HT46R4A Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R4A
Download  HT46R4A Download
File Size   468.4 Kbytes
Page   60 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Cost-Effective A/D Type 8-Bit MCU

HT46R4A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R4A Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R4A
Download  HT46R4A Click to download

File Size   468.4 Kbytes
Page   60 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Cost-Effective A/D Type 8-Bit MCU

HT46R4A Datasheet (HTML) - Holtek Semiconductor Inc


HT46R4A Product details

General Description
The HT46R4A is a device from the Cost-Effective A/D Type Series of MCUs. As an 8-bit high performance RISC architecture microcontroller, the device is designed especially for applications that interface directly to analog signals, such as those from sensors. The devices include an integrated multi-channel Analog to Digital Converter in addition to two Pulse Width Modulation outputs.
   
Features
• Operating voltage:
    fSYS=4MHz: 2.2V~5.5V
    fSYS=8MHz: 3.3V~5.5V
• Max of 27 bidirectional I/O lines
• External interrupt input shared with I/O line
• Two 8-bit programmable Timer/Event Counters with
    overflow interrupt
• Integrated crystal and RC oscillator
• Watchdog Timer
• 409x15 program memory
• 192x8 data memory
• PFD for audio frequency generation
• Power down and wake-up functions to reduce power
    consumption
• Up to 0.5μs instruction cycle with 8MHz system clock
    at VDD=5V
• 6-level subroutine nesting
• 6 channel 9-bit resolution A/D converter
• Dual channel 8-bit PWM output shared with I/O lines
• Bit manipulation instruction
• Table read instructions
• 63 powerful instructions
• All instructions executed in one or two machine
    cycles
• Low voltage reset function
• 28-pin SKDIP/SOP, 32-pin DIP, 44-QFP package
   




Similar Part No. - HT46R4A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
Cost-Effective A/D Type 8-Bit MCU
December 28, 2004
HT46R46 HOLTEK-HT46R46 Datasheet
580Kb / 77P
Cost-Effective A/D Type 8-Bit MCU
June 5, 2008
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
Cost-Effective A/D Type 8-Bit OTP MCU
March 1, 2006
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
Cost-Effective A/D Type 8-Bit MCU
July 19, 2005
HT46R46E HOLTEK-HT46R46E Datasheet
542Kb / 73P
Cost-Effective A/D Type 8-Bit MCU
August 15, 2007
More results


Similar Description - HT46R4A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
Cost-Effective A/D Type 8-Bit MCU
December 28, 2004
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
Cost-Effective A/D Type 8-Bit MCU
July 19, 2005
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
Cost-Effective A/D Type 8-Bit OTP MCU
March 1, 2006
HT46R47E HOLTEK-HT46R47E Datasheet
336Kb / 45P
Cost-Effective A/D Type 8-Bit MCU
July 13, 2005
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
Cost-Effective A/D Type 8-Bit OTP MCU
March 1, 2006
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
Cost-Effective A/D Type 8-Bit OTP MCU
March 24, 2006
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
Cost-Effective A/D Type 8-Bit OTP MCU
March 24, 2006
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
Cost-Effective A/D Type 8-Bit MCU
August 15, 2007
HT46R46 HOLTEK-HT46R46_08 Datasheet
580Kb / 77P
Cost-Effective A/D Type 8-Bit MCU
June 5, 2008
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
Cost-Effective A/D 8-Bit OTP MCU
April 11, 2017
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com