Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R48 Datasheet (PDF) - Holtek Semiconductor Inc

HT46R48 Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R48
Download  HT46R48 Download
File Size   292.49 Kbytes
Page   42 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Cost-Effective A/D Type 8-Bit OTP MCU

HT46R48 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R48 Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R48
Download  HT46R48 Click to download

File Size   292.49 Kbytes
Page   42 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Cost-Effective A/D Type 8-Bit OTP MCU

HT46R48 Datasheet (HTML) - Holtek Semiconductor Inc


HT46R48 Product details

General Description
The HT46R48 are 8-bit, high performance, RISC architecture microcontroller devices specifically designed for A/D applications that interface directly to analog signals, such as those from sensors.

Features
• Operating voltage:
    fSYS=4MHz: 2.2V~5.5V
    fSYS=8MHz: 3.3V~5.5V
• 19 bidirectional I/O lines (max.)
• 1 interrupt input shared with an I/O line
• 8-bit programmable timer/event counter with overflow interrupt and 7-stage prescaler
• On-chip crystal and RC oscillator
• Watchdog Timer
• 204814 program memory
• 648 data memory RAM
• Supports PFD for sound generation
• HALT function and wake-up feature reduce power consumption
• Up to 0.5s instruction cycle with 8MHz system clock at VDD=5V
• 6-level subroutine nesting
• 4 channels 9-bit resolution A/D converter
• 1 channel 8-bit PWM output shared with an I/O line
• Bit manipulation instruction
• 14-bit table read instruction
• 63 powerful instructions
• All instructions in one or two machine cycles
• Low voltage reset function
• 24-pin SKDIP/SOP/SSOP package




Similar Part No. - HT46R48

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R48A HOLTEK-HT46R48A Datasheet
580Kb / 77P
Cost-Effective A/D Type 8-Bit MCU
June 5, 2008
HT46R48AE HOLTEK-HT46R48AE Datasheet
542Kb / 73P
Cost-Effective A/D Type 8-Bit MCU
August 15, 2007
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
Cost-Effective A/D Type 8-Bit OTP MCU
March 24, 2006
More results


Similar Description - HT46R48

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
Cost-Effective A/D Type 8-Bit MCU
July 19, 2005
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
Cost-Effective A/D Type 8-Bit OTP MCU
March 1, 2006
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
Cost-Effective A/D Type 8-Bit OTP MCU
March 1, 2006
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
Cost-Effective A/D Type 8-Bit OTP MCU
March 24, 2006
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
Cost-Effective A/D Type 8-Bit MCU
August 15, 2007
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
Cost-Effective A/D Type 8-Bit MCU
November 28, 2007
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
Cost-Effective A/D 8-Bit OTP MCU
April 11, 2017
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
Cost-Effective A/D 8-bit OTP MCU
June 19, 2014
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
Cost-Effective A/D 8-Bit OTP MCU
January 29, 2016
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
Cost-Effective A/D 8-Bit OTP MCU
October 27, 2014
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com