Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL032P Datasheet (PDF) - Cypress Semiconductor

S25FL032P Datasheet PDF - Cypress Semiconductor
Part # S25FL032P
Download  S25FL032P Download
File Size   2393.7 Kbytes
Page   60 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32-Mbit 3.0 V Flash Memory

S25FL032P Datasheet (PDF)

Go To PDF Page Download Datasheet
S25FL032P Datasheet PDF - Cypress Semiconductor

Part # S25FL032P
Download  S25FL032P Click to download

File Size   2393.7 Kbytes
Page   60 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32-Mbit 3.0 V Flash Memory

S25FL032P Datasheet (HTML) - Cypress Semiconductor


S25FL032P Product details

General Description
The S25FL032P is a 3.0 V (2.7 V to 3.6 V), single-power-supply Flash memory device. The device consists of 64 uniform 64-KB sectors with the two (top or bottom) 64-KB sectors further split up into thirty-two 4-KB sub sectors. The S25FL032P device is fully backward compatible with the S25FL032A device.
The device accepts data written to Serial Input (SI) and outputs data on Serial Output (SO). The devices are designed to be programmed in-system with the standard system 3.0-V VCC supply.

The S25FL032P device adds the following high-performance features using five new instructions:
■ Dual Output Read using both SI and SO pins as output pins at a clock rate of up to 80 MHz
■ Quad Output Read using SI, SO, W#/ACC, and HOLD# pins as output pins at a clock
   rate of up to 80 MHz
■ Dual I/O High Performance Read using both SI and SO pins as input and output pins at a clock
   rate of up to 80 MHz
■ Quad I/O High Performance Read using SI, SO, W#/ACC, and HOLD# pins as input and output
   pins at a clock rate of up to 80 MHz
■ Quad Page Programming using SI, SO, W#/ACC, and HOLD# pins as input pins to program data
   at a clock rate of up to 80 MHz

Distinctive Characteristics
Architectural Advantages
■ Single power supply operation
   – Full voltage range: 2.7 V to 3.6 V read and write operations
■ Memory architecture
   – Uniform 64-KB sectors
      – Top or bottom parameter block (two 64-KB sectors (top
         or bottom) broken down into 16 4-KB sub-sectors each)
   – 256-byte page size
   – Backward compatible with the S25FL032A device
■ Program
   – Page Program (up to 256 bytes) in 1.5 ms (typical)
   – Program operations are on a page by page basis
   – Accelerated programming mode via 9-V W#/ACC pin
   – Quad Page Programming
■ Erase
   – Bulk erase function
   – Sector erase (SE) command (D8h) for 64-KB sectors
   – Sub-sector erase (P4E) command (20h) for 4-KB sectors
   – Sub-sector erase (P8E) command (40h) for 8-KB sectors
■ Cycling endurance
   – 100,000 cycles per sector typical
■ Data retention
   – 20 years typical
■ Device ID
   – JEDEC standard two-byte electronic signature
   – RES command one-byte electronic signature for backward
      compatibility
■ One time programmable (OTP) area for permanent, secure
   identification; can be programmed and locked at the factory
   or by the customer
■ Common Flash Interface (CFI) compliant: allows host system
   to identify and accommodate multiple flash devices
■ Process technology
   – Manufactured on 0.09 μm MirrorBit® process technology
■ Package option
   – Industry Standard Pinouts
   – 8-pin SO package (208 mils)
   – 16-pin SO package (300 mils)
   – 8-contact USON package (5 x 6 mm)
   – 8-contact WSON package (6 x 8 mm)
   – 24-ball BGA 6 x 8 mm package, 5 x 5 pin configuration
   – 24-ball BGA 6 x 8 mm package, 6 x 4 pin configuration

Performance Characteristics
■ Speed
   – Normal READ (Serial): 40-MHz clock rate
   – FAST_READ (Serial): 104-MHz clock rate (maximum)
   – DUAL I/O FAST_READ: 80-MHz clock rate or
      20 MB/s effective data rate
   – QUAD I/O FAST_READ: 80 MHz clock rate or
      40 MB/s effective data rate
■ Power saving standby mode
   – Standby Mode 80 μA (typical)
   – Deep Power-Down Mode 3 μA (typical)
      Memory Protection Features
■ Memory protection
   – W#/ACC pin works in conjunction with Status Register Bits
      to protect specified memory areas
   – Status Register Block Protection bits (BP2, BP1, BP0) in
      status register configure parts of memory as read-only




Similar Part No. - S25FL032P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
3Mb / 69P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
3Mb / 69P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
3Mb / 69P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBFI000 SPANSION-S25FL032P0XBFI000 Datasheet
3Mb / 69P
32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Similar Description - S25FL032P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320S5 SHARP-LH28F320S5 Datasheet
3Mb / 49P
32-MBIT(4MBx8/2MBx16) Smart 5 Flash MEMORY
logo
ATMEL Corporation
AT52BC3221A ATMEL-AT52BC3221A Datasheet
511Kb / 35P
32-Mbit Flash 8-Mbit PSRAM Stack Memory
logo
Eon Silicon Solution In...
EN25P32 EON-EN25P32 Datasheet
452Kb / 34P
32 Mbit Uniform Sector, Serial Flash Memory
logo
Cypress Semiconductor
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
64-Mbit 3.0 V SPI Flash Memory
S25FL127S CYPRESS-S25FL127S Datasheet
2Mb / 142P
128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
64 Mbit (8 Mbyte) 3.0 V Flash Memory
S25FL128P CYPRESS-S25FL128P Datasheet
1Mb / 44P
128-Mbit, 3.0 V Flash Memory
S25FL129P CYPRESS-S25FL129P Datasheet
2Mb / 66P
128-Mbit 3.0 V Flash Memory
S25FL204K CYPRESS-S25FL204K Datasheet
1Mb / 35P
4-Mbit 3.0 V SPI Flash Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com