Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT52BC3221A Datasheet (PDF) - ATMEL Corporation

AT52BC3221A Datasheet PDF - ATMEL Corporation
Part # AT52BC3221A
Download  AT52BC3221A Download
File Size   511.48 Kbytes
Page   35 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 32-Mbit Flash 8-Mbit PSRAM Stack Memory

AT52BC3221A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT52BC3221A Datasheet PDF - ATMEL Corporation

Part # AT52BC3221A
Download  AT52BC3221A Click to download

File Size   511.48 Kbytes
Page   35 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 32-Mbit Flash 8-Mbit PSRAM Stack Memory

AT52BC3221A Datasheet (HTML) - ATMEL Corporation


AT52BC3221A Product details

Description
The AT52BC3221A(T) combines a 32-megabit Flash (2M x 16) and an 8-megabit PSRAM (organized as 512K x 16) in a stacked 66-ball CBGA package. The stacked modules operate at 2.7V to 3.3V in the extended temperature range.

Features
• 32-Mbit Flash and 4-Mbit/8-Mbit PSRAM
• Single 66-ball (8 mm x 10 mm x 1.2 mm) CBGA Package
• 2.7V to 3.3V Operating Voltage

Flash
• 32-megabit (2M x 16)
• 2.7V to 3.3V Read/Write
• Access Time – 70 ns
• Sector Erase Architecture
   – Sixty-three 32K Word Sectors with Individual Write Lockout
   – Eight 4K Word Sectors with Individual Write Lockout
• Fast Word Program Time – 15 µs
• Suspend/Resume Feature for Erase and Program
   – Supports Reading and Programming from Any Sector by Suspending Erase of a Different Sector
   – Supports Reading Any Word by Suspending Programming of Any Other Word
• Low-power Operation
   – 12 mA Active
   – 13 µA Standby
• Data Polling, Toggle Bit, Ready/Busy for End of Program Detection
• VPP Pin for Write Protection and Accelerated Program/Erase Operations
• RESET Input for Device Initialization
• Sector Lockdown Support
• Top or Bottom Boot Block Configuration Available
• 128-bit Protection Register
• Minimum 100,000 Erase Cycles

PSRAM
• 8-megabit (512K x 16)
• 2.7V to 3.3V VCC
• 70 ns Access Time
• Extended Temperature Range
• ISB0 < 10 µA when Deep Power-Down




Similar Part No. - AT52BC3221A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BC1661A ATMEL-AT52BC1661A Datasheet
442Kb / 34P
16-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC1661A-70CI ATMEL-AT52BC1661A-70CI Datasheet
442Kb / 34P
16-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC1661AT ATMEL-AT52BC1661AT Datasheet
442Kb / 34P
16-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC1661AT-70CI ATMEL-AT52BC1661AT-70CI Datasheet
442Kb / 34P
16-Mbit Flash 8-Mbit PSRAM Stack Memory
AT52BC6402A ATMEL-AT52BC6402A Datasheet
335Kb / 38P
64 MBIT FLASH 16 MBIT PSRAM
More results


Similar Description - AT52BC3221A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
8 MBIT(1 MBIT x 8) FLASH MEMORY
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
ATMEL Corporation
AT52BC6402A ATMEL-AT52BC6402A Datasheet
335Kb / 38P
64 MBIT FLASH 16 MBIT PSRAM
AT52BC1661A ATMEL-AT52BC1661A Datasheet
442Kb / 34P
16-Mbit Flash 8-Mbit PSRAM Stack Memory
logo
Silicon Storage Technol...
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
128-Mbit Flash 32-Mbit/64-Mbit
logo
Cypress Semiconductor
S25FL032P CYPRESS-S25FL032P Datasheet
2Mb / 60P
32-Mbit 3.0 V Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com