Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F008 Datasheet (PDF) - Intel Corporation

M28F008 Datasheet PDF - Intel Corporation
Part # M28F008
Download  M28F008 Download
File Size   401.95 Kbytes
Page   28 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 8 MBIT (1 MBIT x 8) FLASH MEMORY

M28F008 Datasheet (PDF)

Go To PDF Page Download Datasheet
M28F008 Datasheet PDF - Intel Corporation

Part # M28F008
Download  M28F008 Click to download

File Size   401.95 Kbytes
Page   28 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 8 MBIT (1 MBIT x 8) FLASH MEMORY

M28F008 Datasheet (HTML) - Intel Corporation


M28F008 Product details

PRODUCT OVERVIEW
The M28F008 is a high-performance 8 Mbit (8,388,608 bit) memory organized as 1 Mbyte (1,048,576 bytes) of 8 bits each. Sixteen 64 Kbyte (65,536 byte) blocks are included on the M28F008. A memory map is shown in Figure 4 of this specification. A block erase operation erases one of the sixteen blocks of memory in typically 1.6 seconds, independent of the remaining blocks. Each block can be independently erased and written 10,000 cycles. Erase Suspend mode allows system software to suspend block erase to read data or execute code from any other block of the M28F008.

■ High-Density Symmetrically Blocked Architecture
    — Sixteen 64 Kbyte Blocks
■ Extended Cycling Capability
    — 10K Block Erase Cycles Minimum
    — 160K Block Erase Cycles per Chip
■ Automated Byte Write and Block Erase
    — Command User Interface
    — Status Register
■ System Performance Enhancements
    — RY/BY Status Output
    — Erase Suspend Capability
■ SRAM-Compatible Write Interface
■ Very High-Performance Read
    — 100 ns Maximum Access Time
■ Hardware Data Protection Feature
    — Erase/Write Lockout during Power Transitions
■ Industry Standard Packaging
    — 40-Lead Sidebrazed DIP
    — 42-Lead Flatpack
■ ETOXTM Nonvolatile Flash Technology
    — 12V Byte Write/Block Erase
■ Independent Software Vendor Support
    — Microsoft* Flash File System (FFS)




Similar Part No. - M28F008

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
More results


Similar Description - M28F008

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
8 MBIT(1 MBIT x 8) FLASH MEMORY
LH28F008SCH-V SHARP-LH28F008SCH-V Datasheet
1Mb / 41P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH SHARP-LH28F008SCH Datasheet
1Mb / 44P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCHT SHARP-LH28F008SCHT Datasheet
3Mb / 47P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com