Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SAT Datasheet (PDF) - Sharp Corporation

LH28F008SAT Datasheet PDF - Sharp Corporation
Part # LH28F008SAT
Download  LH28F008SAT Download
File Size   2762.38 Kbytes
Page   34 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 8 MBIT(1 MBIT x 8) FLASH MEMORY

LH28F008SAT Datasheet (PDF)

Go To PDF Page Download Datasheet
LH28F008SAT Datasheet PDF - Sharp Corporation

Part # LH28F008SAT
Download  LH28F008SAT Click to download

File Size   2762.38 Kbytes
Page   34 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 8 MBIT(1 MBIT x 8) FLASH MEMORY

LH28F008SAT Datasheet (HTML) - Sharp Corporation


LH28F008SAT Product details

DESCRIPTION
The LH28F008SA is a high-performance 8M (8,388,608 bit) memory organized at 1M (1,048,576 bytes) of 8 bits each. Sixteen 64K (65,536 Byte) blocks are included on the LH28F008SA. A memory map is shown in Figure 4 of this specification. A block erase operation erases one of the sixteen blocks of memory in typically 1.6 seconds, independent of the remaining blocks. Each block can be independently erased and written 100,000 cyles. Erase Suspend mode allows sys tem software to suspend block erase to read data or execute code from any other block of the LH28F008SA.

FEATURES
• Very High-Performance Read
   – 85 ns Maximum Access Time
• High-Density Symmetrically Blocked Architecture
   – Sixteen 64K Blocks
• Extended Cycling Capability
   – 100,000 Block Erase Cycles
   – 1.6 Million Block Erase Cycles per Chip
• Automated Byte Write and Block Erase
   – Command User Interface
   – Status Register
• System Performance Enhancements
   – RY»/BY» Status Output
   – Erase Suspend Capability
• Deep-Powerdown Mode
   – 0.20 µA ICC Typical
• SRAM-Compatible Write Interface
• Hardware Data Protection Feature
   – Erase/Write Lockout during Power Transitions
• Independent Software Vendor Support
   – Microsoft Flash File System™ (FFS)
• ETOX™ Nonvolatile Flash Technology
   – 12 V Byte Write/Block Erase
• Industry Standard Packaging
   – 40-Pin 1.2 mm × 10 mm × 20 mm TSOP (Type I) Package
   – 44-Pin 600-mil SOP Package




Similar Part No. - LH28F008SAT

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SAT-12 SHARP-LH28F008SAT-12 Datasheet
249Kb / 27P
8M (1M 횞 8) Flash Memory
LH28F008SAT-85 SHARP-LH28F008SAT-85 Datasheet
249Kb / 27P
8M (1M 횞 8) Flash Memory
LH28F008SAT-85 SHARP-LH28F008SAT-85 Datasheet
1Mb / 34P
8M Flash Memory
More results


Similar Description - LH28F008SAT

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SCH-V SHARP-LH28F008SCH-V Datasheet
1Mb / 41P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH SHARP-LH28F008SCH Datasheet
1Mb / 44P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCHT SHARP-LH28F008SCHT Datasheet
3Mb / 47P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com