Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016XS Datasheet (PDF) - Intel Corporation

28F016XS Datasheet PDF - Intel Corporation
Part # 28F016XS
Download  28F016XS Download
File Size   1265.15 Kbytes
Page   54 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY

28F016XS Datasheet (PDF)

Go To PDF Page Download Datasheet
28F016XS Datasheet PDF - Intel Corporation

Part # 28F016XS
Download  28F016XS Click to download

File Size   1265.15 Kbytes
Page   54 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY

28F016XS Datasheet (HTML) - Intel Corporation


28F016XS Product details

Intel’s 28F016XS 16-Mbit flash memory is a revolutionary architecture which is the ideal choice for designing truly revolutionary high-performance products. Combining very high read performance with the intrinsic nonvolatility of flash memory, the 28F016XS eliminates the traditional redundant memory paradigm of shadowing code from a slow nonvolatile storage source to a faster execution memory, such as DRAM, for improved system performance. The innovative capabilities of the 28F016XS enable the design of directexecute code and mass storage data/file flash memory systems.

■ Effective Zero Wait-State Performance up to 33 MHz
    - Synchronous Pipelined Reads
■ SmartVoltage Technology
    - User-Selectable 3.3V or 5V VCC
    - User-Selectable 5V or 12V VPP
■ 0.33 MB/sec Write Transfer Rate
■ Configurable x8 or x16 Operation
■ 56-Lead TSOP and SSOP Type I Package
■ Backwards-Compatible with 28F008SA Command-Set
■ 2 µA Typical Deep Power-Down
■ 1 mA Typical Active ICC Current in Static Mode
■ 16 Separately-Erasable/Lockable 128-Kbyte Blocks
■ 1 Million Erase Cycles per Block
■ State-of-the-Art 0.6 µm ETOX™ IV Flash Technology




Similar Part No. - 28F016XS

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
More results


Similar Description - 28F016XS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
8 MBIT(1 MBIT x 8) FLASH MEMORY
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com