Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016XD Datasheet (PDF) - Intel Corporation

28F016XD Datasheet PDF - Intel Corporation
Part # 28F016XD
Download  28F016XD Download
File Size   1157.03 Kbytes
Page   54 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY

28F016XD Datasheet (PDF)

Go To PDF Page Download Datasheet
28F016XD Datasheet PDF - Intel Corporation

Part # 28F016XD
Download  28F016XD Click to download

File Size   1157.03 Kbytes
Page   54 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY

28F016XD Datasheet (HTML) - Intel Corporation


28F016XD Product details

INTRODUCTION
The documentation of the Intel 28F016XD flash memory device includes this datasheet, a detailed user’s manual, and a number of application notes and design tools, all of which are referenced in Appendix B.
The datasheet is intended to give an overview of the chip feature-set and of the operating AC/DC specifications. The 16-Mbit Flash Product Family User’s Manual provides complete descriptions of the user modes, system interface examples and detailed descriptions of all principles of operation. It also contains the full list of software algorithm flowcharts, and a brief section on compatibility with the Intel 28F008SA.

■ 85 ns Access Time (tRAC)
   - Supports both Standard and FastPage-Mode Accesses
■ Multiplexed Address Bus
   - RAS# and CAS# Control Inputs
■ No-Glue Interface to Many Memory Controllers
■ SmartVoltage Technology
   - User-Selectable 3.3V or 5V VCC
   - User-Selectable 5V or 12V VPP
■ 0.33 MB/sec Write Transfer Rate
■ x16 Architecture
■ 56-Lead TSOP Type I Package
■ Backwards-Compatible with 28F008SA Command Set
■ 2 µA Typical Deep Power-Down Current
■ 1 mA Typical ICC Active Current in Static Mode
■ 32 Separately-Erasable/Lockable 64-Kbyte Blocks
■ 1 Million Erase Cycles per Block
■ State-of-the-Art 0.6 µm ETOX™ IV Flash Technology




Similar Part No. - 28F016XD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
More results


Similar Description - 28F016XD

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
8 MBIT(1 MBIT x 8) FLASH MEMORY
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
logo
ATMEL Corporation
AT52BC1661A ATMEL-AT52BC1661A Datasheet
442Kb / 34P
16-Mbit Flash 8-Mbit PSRAM Stack Memory
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com