Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet (PDF) - Intel Corporation

28F016SA Datasheet PDF - Intel Corporation
Part # 28F016SA
Download  28F016SA Download
File Size   840.46 Kbytes
Page   55 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY

28F016SA Datasheet (PDF)

Go To PDF Page Download Datasheet
28F016SA Datasheet PDF - Intel Corporation

Part # 28F016SA
Download  28F016SA Click to download

File Size   840.46 Kbytes
Page   55 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY

28F016SA Datasheet (HTML) - Intel Corporation


28F016SA Product details

INTRODUCTION
The documentation of the Intel 28F016SA memory device includes this datasheet, a detailed user’s manual, and a number of application notes, all of which are referenced at the end of this datasheet.

Includes Commercial and Extended Temperature Specifications
■ User-Selectable 3.3V or 5V VCC
■ User-Configurable x8 or x16 Operation
■ 70 ns Maximum Access Time
■ 28.6 MB/sec Burst Write Transfer Rate
■ 1 Million Typical Erase Cycles per Block
■ 56-Lead, 1.2 mm x 14 mm x 20 mm TSOP Package
■ 56-Lead, 1.8 mm x 16 mm x 23.7 mm SSOP Package
■ Revolutionary Architecture
    - Pipelined Command Execution
    - Program during Erase
    - Command Superset of Intel 28F008SA
■ 1 mA Typical ICC in Static Mode
■ 1 µA Typical Deep Power-Down
■ 32 Independently Lockable Blocks
■ State-of-the-Art 0.6 µm ETOX™ IV Flash Technology




Similar Part No. - 28F016SA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
More results


Similar Description - 28F016SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com