Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 1 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 1 Page - Intel Corporation

  28F016SA Datasheet HTML 1Page - Intel Corporation 28F016SA Datasheet HTML 2Page - Intel Corporation 28F016SA Datasheet HTML 3Page - Intel Corporation 28F016SA Datasheet HTML 4Page - Intel Corporation 28F016SA Datasheet HTML 5Page - Intel Corporation 28F016SA Datasheet HTML 6Page - Intel Corporation 28F016SA Datasheet HTML 7Page - Intel Corporation 28F016SA Datasheet HTML 8Page - Intel Corporation 28F016SA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
E
November 1996
Order Number: 290489-004
n User-Selectable 3.3V or 5V VCC
n User-Configurable x8 or x16 Operation
n 70 ns Maximum Access Time
n 28.6 MB/sec Burst Write Transfer Rate
n 1 Million Typical Erase Cycles per
Block
n 56-Lead, 1.2 mm x 14 mm x 20 mm
TSOP Package
n 56-Lead, 1.8 mm x 16 mm x 23.7 mm
SSOP Package
n Revolutionary Architecture
Pipelined Command Execution
Program during Erase
Command Superset of Intel
28F008SA
n 1 mA Typical ICC in Static Mode
n 1 µA Typical Deep Power-Down
n 32 Independently Lockable Blocks
n State-of-the-Art 0.6 µm ETOX™ IV Flash
Technology
Intel’s 28F016SA 16-Mbit FlashFile™ memory is a revolutionary architecture which is the ideal choice for
designing embedded direct-execute code and mass storage data/file flash memory systems. With innovative
capabilities, low-power, extended temperature operation and high read/program performance, the 28F016SA
enables the design of truly mobile, high-performance communications and computing products.
The 28F016SA is the highest density, highest performance nonvolatile read/program solution for solid-state
storage applications. Its symmetrically-blocked architecture (100% compatible with the 28F008SA 8-Mbit
FlashFile memory), extended cycling, extended temperature operation, flexible VCC, fast program and read
performance and selective block locking provide highly flexible memory components suitable for Resident
Flash Arrays, high-density memory cards and PCMCIA-ATA flash drives. The 28F016SA dual read voltage
enables the design of memory cards which can be interchangeably read/written in 3.3V and 5.0V systems. Its
x8/x16 architecture allows optimization of the memory-to-processor interface. Its high read performance and
flexible block locking enable both storage and execution of operating systems and application software.
Manufactured on Intel’s 0.6 µm ETOX IV process technology, the 28F016SA is the most cost-effective,
highest density monolithic 3.3V FlashFile memory.
28F016SA 16-MBIT
(1 MBIT X 16, 2 MBIT X 8)
FlashFile™ MEMORY
Includes Commercial and Extended Temperature Specifications


Similar Part No. - 28F016SA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
More results

Similar Description - 28F016SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com