Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 39 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 39 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 35Page - Intel Corporation 28F016SA Datasheet HTML 36Page - Intel Corporation 28F016SA Datasheet HTML 37Page - Intel Corporation 28F016SA Datasheet HTML 38Page - Intel Corporation 28F016SA Datasheet HTML 39Page - Intel Corporation 28F016SA Datasheet HTML 40Page - Intel Corporation 28F016SA Datasheet HTML 41Page - Intel Corporation 28F016SA Datasheet HTML 42Page - Intel Corporation 28F016SA Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
E
28F016SA
39
5.8
AC Characteristics for WE#–Controlled Command Write Operations:
COMMERCIAL AND EXTENDED TEMPERATURE(1) (Continued)
VCC = 5.0V ±10%, 5.0V ± 5%, TA = 0
°C to +70°C, –40°C to +85°C
Temp
Commercial
Commercial
Comm/Ext
Versions
VCC ± 5%
28F016SA-070
Unit
VCC ± 10%
28F016SA-080
28F016SA-100
Sym
Parameter
Notes
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
tAVAV
Write Cycle
Time
70
80
100
ns
tVPWH
VPP Setup to
WE# Going
High
3
100
100
100
ns
tPHEL
RP# Setup to
CE# Going
Low
480
480
480
ns
tELWL
CE# Setup to
WE# Going
Low
00
0
ns
tAVWH
Address Setup
to WE# Going
High
2,6
50
50
50
ns
tDVWH
Data Setup to
WE# Going
High
2,6
50
50
50
ns
tWLWH
WE# Pulse
Width
40
50
50
ns
tWHDX
Data Hold
from WE#
High
20
0
0
ns
tWHAX
Address Hold
from WE#
High
210
10
10
ns
tWHEH
CE# Hold from
WE# High
10
10
10
ns
tWHWL
WE# Pulse
Width High
30
30
50
ns
tGHWL
Read
Recovery
before Write
00
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com