Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 49 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 49 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 45Page - Intel Corporation 28F016SA Datasheet HTML 46Page - Intel Corporation 28F016SA Datasheet HTML 47Page - Intel Corporation 28F016SA Datasheet HTML 48Page - Intel Corporation 28F016SA Datasheet HTML 49Page - Intel Corporation 28F016SA Datasheet HTML 50Page - Intel Corporation 28F016SA Datasheet HTML 51Page - Intel Corporation 28F016SA Datasheet HTML 52Page - Intel Corporation 28F016SA Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
E
28F016SA
49
5.11
Erase and Word/Byte Write Performance, Cycling Performance and
Suspend Latency(3)
VCC = 3.3V ± 10%, VPP = 12.0V ± 0.6V, TA = 0
°C to +70°C
Sym
Parameter
Notes
Min
Typ(1)
Max
Units
Test Conditions
Page Buffer Byte Write Time
2,4
3.26
Note 6
µs
Page Buffer Word Write Time
2,4
6.53
Note 6
µs
tWHRH1
Word/Byte Program Time
2
9
Note 6
µs
tWHRH2
Block Program Time
2
0.6
2.1
sec
Byte Prog. Mode
tWHRH3
Block Program Time
2
0.3
1.0
sec
Word Prog. Mode
Block Erase Time
2
0.8
10
sec
Full Chip Erase Time
2
25.6
sec
Erase Suspend Latency Time
to Read
7.0
µs
Auto Erase Suspend Latency
Time to Write
10.0
µs
Erase Cycles
5
100,000 1,000,000
Cycles
VCC = 5.0V ± 10%, VPP = 12.0V ± 0.6V, TA = 0
°C to +70°C
Sym
Parameter
Notes
Min
Typ(1)
Max
Units
Test Conditions
Page Buffer Byte Write Time
2,4
2.76
Note 6
µs
Page Buffer Word Write Time
2,4
5.51
Note 6
µs
tWHRH1
Word/Byte Program Time
2
6
Note 6
µs
tWHRH2
Block Program Time
2
0.4
2.1
sec
Byte Prog. Mode
tWHRH3
Block Program Time
2
0.2
1.0
sec
Word Prog. Mode
Block Erase Time
2
0.6
10
sec
Full Chip Erase Time
2
19.2
sec
Erase Suspend Latency Time
to Read
5.0
µs
Auto Erase Suspend Latency
Time to Write
8.0
µs
Erase Cycles
5
100,000 1,000,000
Cycles
NOTES:
1.
+25
°C, VCC = 3.3V or 5.0V nominal, VPP = 12.0V nominal, 10K cycles.
2.
Excludes system-level overhead.
3.
These performance numbers are valid for all speed versions.
4.
This assumes using the full Page Buffer to data program to the flash memory (256 bytes or 128 words).
5.
Typical 1,000,000 cycle performance assumes the application uses block retirement techniques.
6.
This information will be available in a technical paper. Please call Intel’s Application Hotline or your local Intel Sales office
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com