Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 5 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 5 Page - Intel Corporation

  28F016SA Datasheet HTML 1Page - Intel Corporation 28F016SA Datasheet HTML 2Page - Intel Corporation 28F016SA Datasheet HTML 3Page - Intel Corporation 28F016SA Datasheet HTML 4Page - Intel Corporation 28F016SA Datasheet HTML 5Page - Intel Corporation 28F016SA Datasheet HTML 6Page - Intel Corporation 28F016SA Datasheet HTML 7Page - Intel Corporation 28F016SA Datasheet HTML 8Page - Intel Corporation 28F016SA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
E
28F016SA
5
1.0
INTRODUCTION
The documentation of the Intel 28F016SA memory
device includes this datasheet, a detailed user’s
manual, and a number of application notes, all of
which are referenced at the end of this datasheet.
The datasheet is intended to give an overview of the
chip feature-set and of the operating AC/DC
specifications.
The 16-Mbit Flash Product Family
User’s Manual provides complete descriptions of
the user modes, system interface examples and
detailed descriptions of all principles of operation. It
also contains the full list of software algorithm
flowcharts, and a brief section on compatibility with
Intel 28F008SA.
1.1
Product Overview
The 28F016SA is a high-performance 16-Mbit
(16,777,216 bit) block erasable nonvolatile random
access memory organized as either 1 Mword x
16 or 2 Mbyte x 8. The 28F016SA includes thirty-
two 64-KB (65,536) blocks or thirty-two 32-KW
(32,768) blocks. A chip memory map is shown in
Figure 4.
The implementation of a new architecture, with
many enhanced features, will improve the device
operating characteristics and results in greater
product reliability and ease-of-use.
Among
the
significant
enhancements
on
the
28F016SA:
• 3.3V Low Power Capability
• Improved Program Performance
• Dedicated Block Program/Erase Protection
A 3/5# input pin reconfigures the device internally
for optimized 3.3V or 5.0V read/program operation.
The 28F016SA will be available in a 56-lead,
1.2 mm thick, 14 mm x 20 mm TSOP type I
package or a 56-lead, 1.8 mm thick, 16 mm x
23.7 mm SSOP package. The TSOP form factor
and pinout allow for very high board layout
densities. SSOP packaging provides relaxed lead
spacing dimensions.
A Command User Interface (CUI) serves as the
system interface between the microprocessor or
microcontroller and the internal memory operation.
Internal algorithm automation allows
word/byte
programs
and
block
erase
operations
to
be
executed using a two-write command sequence to
the CUI in the same way as the 28F008SA 8-Mbit
FlashFile memory.
A superset of commands have been added to the
basic 28F008SA command-set to achieve higher
program
performance
and
provide
additional
capabilities. These new commands and features
include:
• Page Buffer Writes to Flash
• Command Queueing Capability
• Automatic Data Programs during Erase
• Software Locking of Memory Blocks
• Two-Byte Successive Programs in 8-bit
Systems
• Erase All Unlocked Blocks
Writing of memory data is performed in either byte
or word increments typically within 6 µs, a 33%
improvement over the 28F008SA. A block erase
operation erases one of the 32 blocks in typically
0.6 sec, independent of the other blocks, which is a
65% improvement over the 28F008SA.
Each block can be written and erased a minimum of
100,000 cycles. Systems can achieve typically one-
million block erase cycles by providing wear-leveling
algorithms and graceful block retirement. These
techniques have already been employed in many
flash file systems. Additionally, wear leveling of
block erase cycles can be used to minimize the
program/erase
performance
differences
across
blocks.
The 28F016SA incorporates two Page Buffers of
256 bytes (128 words) each to allow page data
writes. This feature can improve a system write
performance by up to 4.8 times over previous flash
memory devices.
All operations are started by a sequence of
command writes to the device. Three Status
Registers (described in detail later) and a RY/BY#
output pin provide information on the progress of
the requested operation.
While the 28F008SA requires an operation to
complete
before
the
next
operation
can
be
requested, the 28F016SA allows queueing of the
next operation while the memory executes the
current operation. This eliminates system overhead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com