Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 47 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 47 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 43Page - Intel Corporation 28F016SA Datasheet HTML 44Page - Intel Corporation 28F016SA Datasheet HTML 45Page - Intel Corporation 28F016SA Datasheet HTML 46Page - Intel Corporation 28F016SA Datasheet HTML 47Page - Intel Corporation 28F016SA Datasheet HTML 48Page - Intel Corporation 28F016SA Datasheet HTML 49Page - Intel Corporation 28F016SA Datasheet HTML 50Page - Intel Corporation 28F016SA Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
E
28F016SA
47
5.10 AC Characteristics for Page Buffer Write Operations:
COMMERCIAL AND EXTENDED TEMPERATURE(1) (Continued)
VCC = 5.0V ± 10%, 5.0V ± 5%, TA = 0
°C to +70°C, –40°C to +85°C
Temp
Commercial
Commercial
Comm/Ext
Sym
Parameter
Speed
–70
–80
–100
Unit
VCC
5.0V ± 5%
5.0V ± 10%
5.0V ± 10%
Notes
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
tAVAV
Write Cycle Time
70
80
100
ns
tELWL
CE# Setup to
WE# Going Low
000
ns
tAVWL
Address Setup to
WE# Going Low
3
000
ns
tDVWH
Data Setup to
WE# Going High
2
505050
ns
tWLWH
WE# Pulse Width
40
50
50
ns
tWHDX
Data Hold from
WE# High
2
000
ns
tWHAX
Address Hold
from WE# High
2
101010
ns
tWHEH
CE# Hold from
WE# High
10
10
10
ns
tWHWL
WE# Pulse Width
High
30
30
50
ns
tGHWL
Read Recovery
before Write
000
ns
tWHGL
Write Recovery
before Read
60
65
80
ns
NOTES:
CE# is defined as the latter of CE0# or CE1# going low or the first of CE0# or CE1# going high.
1.
These are WE#–controlled write timings, equivalent CE#–controlled write timings apply.
2.
Sampled, but not 100% tested.
3.
Address must be valid during the entire WE# low pulse or the entire CE# low pulse for CE#-controlled writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com