Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 4 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 4 Page - Intel Corporation

  28F016SA Datasheet HTML 1Page - Intel Corporation 28F016SA Datasheet HTML 2Page - Intel Corporation 28F016SA Datasheet HTML 3Page - Intel Corporation 28F016SA Datasheet HTML 4Page - Intel Corporation 28F016SA Datasheet HTML 5Page - Intel Corporation 28F016SA Datasheet HTML 6Page - Intel Corporation 28F016SA Datasheet HTML 7Page - Intel Corporation 28F016SA Datasheet HTML 8Page - Intel Corporation 28F016SA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
28F016SA
E
4
REVISION HISTORY
Number
Description
-001
Original Version
-002
— Added 56-Lead SSOP Package
— Separated AC Reading Timing Specs tAVEL, tAVGL for Extended Status Register
Reads
— Modified Device Nomenclature
— Added Ordering Information
— Added Page Buffer Typical Program Performance numbers
— Added Typical Erase Suspend Latencies
— For ICCD (Deep Power-Down current) BYTE# must be at CMOS levels
— Added SSOP package mechanical specifications
— Revised document status from “Advanced Information” to “Preliminary”
-003
— Section 5.11: Renamed specification “Erase Suspend Latency Time to Program” as
“Auto Erase Suspend Latency Time to Program”
— Section 5.7: Added specifications tPHEL3, tPHEL5
— TSOP dimension A1 = 0.05 mm (min)
— SSOP dimension B = 0.40 mm (max)
— Minor cosmetic changes
-004
Update:
—Changed Deep Power Down Current
— Changed Standby Current
— Changed Sleep Mode Current
Combined Commercial and Extended Temperature information into single datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com