Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 21 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 21 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 17Page - Intel Corporation 28F016SA Datasheet HTML 18Page - Intel Corporation 28F016SA Datasheet HTML 19Page - Intel Corporation 28F016SA Datasheet HTML 20Page - Intel Corporation 28F016SA Datasheet HTML 21Page - Intel Corporation 28F016SA Datasheet HTML 22Page - Intel Corporation 28F016SA Datasheet HTML 23Page - Intel Corporation 28F016SA Datasheet HTML 24Page - Intel Corporation 28F016SA Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
E
28F016SA
21
5.0
ELECTRICAL SPECIFICATIONS
5.1
Absolute Maximum Ratings*
Temperature under Bias .....................0°C to +80°C
Storage Temperature....................–65°C to +125°C
NOTICE: This is a production datasheet. The specifications
are subject to change without notice. Verify with your local
Intel Sales office that you have the latest datasheet before
finalizing a design.
* WARNING: Stressing the device beyond the “Absolute
Maximum Ratings” may cause permanent damage. These
are stress ratings only. Operation beyond the “Operating
Conditions” is not recommended and extended exposure
beyond the "Operating Conditions" may effect device
reliability.
VCC = 3.3V ± 10% Systems
Sym
Parameter
Notes
Min
Max
Units
Test Conditions
TA
Operating Temperature, Commercial
1
0
70
°C
Ambient Temperature
VCC
VCC with Respect to GND
2
–0.2
7.0
V
VPP
VPP Supply Voltage with Respect to GND
2,3
–0.2
14.0
V
V
Voltage on Any Pin (Except VCC, VPP)
with Respect to GND
2
–0.5
VCC
+0.5
V
I
Current into Any Non-Supply Pin
5
± 30
mA
IOUT
Output Short Circuit Current
4
100
mA
VCC = 5.0V ± 10% , VCC = 5.0V ± 5% Systems(6)
Sym
Parameter
Notes
Min
Max
Units
Test Conditions
TA
Operating Temperature, Commercial
1
0
70
°C
Ambient Temperature
VCC
VCC with Respect to GND
2
–0.2
7.0
V
VPP
VPP Supply Voltage with Respect to GND
2,3
–0.2
14.0
V
V
Voltage on Any Pin (Except VCC, VPP)
with Respect to GND
2
–2.0
7.0
V
I
Current into Any Non-Supply Pin
5
± 30
mA
IOUT
Output Short Circuit Current
4
100
mA
NOTES:
1.
Operating temperature is for commercial product defined by this specification.
2.
Minimum DC voltage is –10% on input/output pins. During transitions, this level may undershoot to –2.0V for periods
<20 ns. Maximum DC voltage on input/output pins is VCC + 10% which, during transitions, may overshoot to VCC + 2.0V for
periods <20 ns.
3.
Maximum DC voltage on VPP may overshoot to +14.0V for periods <20 ns.
4.
Output shorted for no more than one second. No more than one output shorted at a time.
5.
This specification also applies to pins marked “NC.”
6.
5% VCC specifications refer to the 28F016SA-070 in its High Speed Test configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com