Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 23 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 23 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 19Page - Intel Corporation 28F016SA Datasheet HTML 20Page - Intel Corporation 28F016SA Datasheet HTML 21Page - Intel Corporation 28F016SA Datasheet HTML 22Page - Intel Corporation 28F016SA Datasheet HTML 23Page - Intel Corporation 28F016SA Datasheet HTML 24Page - Intel Corporation 28F016SA Datasheet HTML 25Page - Intel Corporation 28F016SA Datasheet HTML 26Page - Intel Corporation 28F016SA Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
E
28F016SA
23
5.3
Timing Nomenclature
All 3.3V system timings are measured from where signals cross 1.5V.
For 5.0V systems use the standard JEDEC cross point definitions.
Each timing parameter consists of five characters. Some common examples are defined below:
tCE
tELQV time(t) from CE# (E) going low (L) to the outputs (Q) becoming valid (V)
tOE
tGLQV time(t) from OE# (G) going low (L) to the outputs (Q) becoming valid (V)
tACC
tAVQV time(t) from address (A) valid (V) to the outputs (Q) becoming valid (V)
tAS
tAVWH time(t) from address (A) valid (V) to WE# (W) going high (H)
tDH
tWHDX time(t) from WE# (W) going high (H) to when the data (D) can become undefined (X)
Pin Characters
Pin States
A
Address Inputs
H
High
D
Data Inputs
L
Low
Q
Data Outputs
V
Valid
E
CE# (Chip Enable)
X
Driven, but not necessarily valid
F
BYTE# (Byte Enable)
Z
High Impedance
G
OE# (Output Enable)
W
WE# (Write Enable)
P
RP# (Deep Power-Down Pin)
R
RY/BY# (Ready Busy)
V
Any Voltage Level
Y
3/5# Pin
5V
VCC at 4.5V Minimum
3V
VCC at 3.0V Minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com