Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 14 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 14 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 10Page - Intel Corporation 28F016SA Datasheet HTML 11Page - Intel Corporation 28F016SA Datasheet HTML 12Page - Intel Corporation 28F016SA Datasheet HTML 13Page - Intel Corporation 28F016SA Datasheet HTML 14Page - Intel Corporation 28F016SA Datasheet HTML 15Page - Intel Corporation 28F016SA Datasheet HTML 16Page - Intel Corporation 28F016SA Datasheet HTML 17Page - Intel Corporation 28F016SA Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
28F016SA
E
14
4.0
BUS OPERATIONS, COMMANDS AND STATUS REGISTER DEFINITIONS
4.1
Bus Operations for Word-Wide Mode (BYTE# = VIH)
Mode
Notes
RP#
CE1#CE0#
OE#
WE#
A1
DQ0–15
RY/BY#
Read
1,2,7
VIH
VIL
VIL
VIL
VIH
XDOUT
X
Output Disable
1,6,7
VIH
VIL
VIL
VIH
VIH
X
High Z
X
Standby
1,6,7
VIH
VIL
VIH
VIH
VIH
VIL
VIH
X
X
X
High Z
X
Deep Power-Down
1,3
VIL
XXXXX
High Z
VOH
Manufacturer ID
4
VIH
VIL
VIL
VIL
VIH
VIL
0089H
VOH
Device ID
4
VIH
VIL
VIL
VIL
VIH
VIH
66A0H
VOH
Write
1,5,6
VIH
VIL
VIL
VIH
VIL
XDIN
X
4.2
Bus Operations for Byte-Wide Mode (BYTE# = VIL)
Mode
Notes
RP#
CE1#CE0#
OE#
WE#
A0
DQ0–7
RY/BY#
Read
1,2,7
VIH
VIL
VIL
VIL
VIH
XDOUT
X
Output Disable
1,6,7
VIH
VIL
VIL
VIH
VIH
X
High Z
X
Standby
1,6,7
VIH
VIL
VIH
VIH
VIH
VIL
VIH
X
X
X
High Z
X
Deep Power-Down
1,3
VIL
XXXXX
High Z
VOH
Manufacturer ID
4
VIH
VIL
VIL
VIL
VIH
VIL
89H
VOH
Device ID
4
VIH
VIL
VIL
VIL
VIH
VIH
A0H
VOH
Write
1,5,6
VIH
VIL
VIL
VIH
VIL
XDIN
X
NOTES:
1.
X can be VIH or VIL for address or control pins except for RY/BY#, which is either VOL or VOH.
2.
RY/BY# output is open drain. When the WSM is ready, block erase is suspended or the device is in deep power-down
mode. RY/BY# will be at VOH if it is tied to VCC through a resistor. RY/BY# at VOH is independent of OE# while a WSM
operation is in progress.
3.
RP# at GND ± 0.2V ensures the lowest deep power-down current.
4.
A0 and A1 at VIL provide manufacturer ID codes in x8 and x16 modes, respectively. A0 and A1 at VIH provide device ID
codes in x8 and x16 modes, respectively. All other addresses are set to zero.
5.
Commands for different block erase operations, data program operations or lock-block operations can only be successfully
completed when VPP = VPPH.
6.
While the WSM is running, RY/BY# in level-mode (default) stays at VOL until all operations are complete. RY/BY# goes to
VOH when the WSM is not busy or in erase suspend mode.
7.
RY/BY# may be at VOL while the WSM is busy performing various operations; for example, a Status Register read during a
data program operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com