Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 25 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 25 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 21Page - Intel Corporation 28F016SA Datasheet HTML 22Page - Intel Corporation 28F016SA Datasheet HTML 23Page - Intel Corporation 28F016SA Datasheet HTML 24Page - Intel Corporation 28F016SA Datasheet HTML 25Page - Intel Corporation 28F016SA Datasheet HTML 26Page - Intel Corporation 28F016SA Datasheet HTML 27Page - Intel Corporation 28F016SA Datasheet HTML 28Page - Intel Corporation 28F016SA Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
E
28F016SA
25
From Output
under Test
Test
Point
Total Capacitance = 100 pF
2.5 ns of 25
Transmission Line
Ω
0489_08
Figure 9. Transient Equivalent Testing Load Circuit (VCC = 5.0V ± 10%)
From Output
under Test
Test
Point
Total Capacitance = 50 pF
2.5 ns of 50
Transmission Line
Ω
0489_09
Figure 10. Transient Equivalent Testing Load Circuit (VCC = 3.3V ± 10%)
From Output
under Test
Test
Point
Total Capacitance = 30 pF
2.5 ns of 83
Transmission Line
Ω
0489_10
Figure 11. High Speed Transient Equivalent Testing Load Circuit (VCC = 5.0V ± 5%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com