Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 18 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 18 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 14Page - Intel Corporation 28F016SA Datasheet HTML 15Page - Intel Corporation 28F016SA Datasheet HTML 16Page - Intel Corporation 28F016SA Datasheet HTML 17Page - Intel Corporation 28F016SA Datasheet HTML 18Page - Intel Corporation 28F016SA Datasheet HTML 19Page - Intel Corporation 28F016SA Datasheet HTML 20Page - Intel Corporation 28F016SA Datasheet HTML 21Page - Intel Corporation 28F016SA Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
28F016SA
E
18
4.5
Compatible Status Register
WSMS
ESS
ES
DWS
VPPS
R
R
R
7
654
321
0
NOTES:
CSR.7 = WRITE STATE MACHINE STATUS
1 = Ready
0 = Busy
RY/BY# output or WSMS bit must be checked to
determine completion of an operation (erase
suspend, block erase or data program) before the
appropriate Status bit (ESS, ES or DWS) is
checked for success.
CSR.6 = ERASE-SUSPEND STATUS
1 = Erase Suspended
0 = Erase In Progress/Completed
CSR.5 = ERASE STATUS
1 = Error In Block Erasure
0 = Successful Block Erase
If DWS and ES are set to “1” during a block
erase attempt, an improper command sequence
was entered. Clear the CSR and attempt the
operation again.
CSR.4 = DATA WRITE STATUS
1 = Error in Data Program
0 = Data Program Successful
CSR.3 = VPP STATUS
1 = VPP Low Detect, Operation Abort
0 = VPP OK
The VPPS bit, unlike an A/D converter, does not
provide continuous indication of VPP level. The
WSM interrogates VPP’s level only after the Data
Program or Block Erase command sequences
have been entered, and informs the system if
VPP has not been switched on. VPPS is not
guaranteed to report accurate feedback between
VPPL and VPPH.
CSR.2–0 = RESERVED FOR FUTURE ENHANCEMENTS
These bits are reserved for future use; mask them out when polling the CSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com