Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 34 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 34 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 30Page - Intel Corporation 28F016SA Datasheet HTML 31Page - Intel Corporation 28F016SA Datasheet HTML 32Page - Intel Corporation 28F016SA Datasheet HTML 33Page - Intel Corporation 28F016SA Datasheet HTML 34Page - Intel Corporation 28F016SA Datasheet HTML 35Page - Intel Corporation 28F016SA Datasheet HTML 36Page - Intel Corporation 28F016SA Datasheet HTML 37Page - Intel Corporation 28F016SA Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
28F016SA
E
34
For Extended Status Register Reads
Temp
Commercial
Commercial
Comm/Ext
Load
30 pF
50 pF
50 pF
Versions(5)
VCC ± 5%
28F016SA-070(6)
Units
VCC ± 10%
28F016SA-080(7)
28F016SA-100(7)
Sym
Parameter
Notes
Min
Max
Min
Max
Min
Max
tAVEL
Address
Setup to CE#
Going Low
3,4
0
0
0
ns
tAVGL
Address
Setup to OE#
Going Low
3,4
0
0
0
ns
NOTES:
1.
See AC Input/Output Reference Waveforms for timing measurements, Figures 7 and 8.
2.
OE# may be delayed up to tELQV–tGLQV after the falling edge of CE# without impact on tELQV.
3.
Sampled, not 100% tested.
4.
This timing parameter is used to latch the correct BSR data onto the outputs.
5.
Device speeds are defined as:
70/80 ns at VCC = 5.0V equivalent to
120 ns at VCC = 3.3V
100 ns at VCC = 5.0V equivalent to
150 ns at VCC = 3.3V
6.
See AC Input/Output Reference Waveforms and AC Testing Load Circuits for High Speed Test Configuration.
7.
See Standard AC Input/Output Reference Waveforms and AC Testing Load Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com