Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 33 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 33 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 29Page - Intel Corporation 28F016SA Datasheet HTML 30Page - Intel Corporation 28F016SA Datasheet HTML 31Page - Intel Corporation 28F016SA Datasheet HTML 32Page - Intel Corporation 28F016SA Datasheet HTML 33Page - Intel Corporation 28F016SA Datasheet HTML 34Page - Intel Corporation 28F016SA Datasheet HTML 35Page - Intel Corporation 28F016SA Datasheet HTML 36Page - Intel Corporation 28F016SA Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
E
28F016SA
33
5.6
AC Characteristics–Read Only Operations:
COMMERCIAL AND EXTENDED TEMPERATURE(1) (Continued)
VCC = 5.0V ± 10%, 5.0V ± 5%, TA = 0
°C to +70°C. –40°C to +85°C
Temp
Commercial
Comm/Ext
Speed
–70
–80
–100
Sym
Parameter
VCC
5.0V ± 5%V
5.0V ± 10%V
5.0V ± 10%V
Units
Load
30 pF
50 pF
50%
Notes
Min
Max
Min
Max
Min
Max
tAVAV
Read Cycle Time
70
80
100
ns
tAVQV
Address to Output Delay
70
80
100
ns
tELQV
CE# to Output Delay
2
70
80
100
ns
tPHQV
RP# to Output Delay
400
480
550
ns
tGLQV
OE# to Output Delay
2
30
35
40
ns
tELQX
CE# to Output in Low Z
3
0
0
0
ns
tEHQZ
CE# to Output in High Z
3
25
30
30
ns
tGLQX
OE# to Output in Low Z
3
0
0
0
ns
tGHQZ
OE# to Output in High Z
3
15
15
15
ns
tOH
Output Hold from
Address, CE# or OE#
Change, Whichever
Occurs First
3
000
ns
tFLQV
tFHQV
BYTE# to Output Delay
3
70
80
100
ns
tFLQZ
BYTE# Low to Output in
High Z
3
253030
ns
tELFL
tELFH
CE# Low to BYTE# High
or Low
3
555
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com