Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 37 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 37 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 33Page - Intel Corporation 28F016SA Datasheet HTML 34Page - Intel Corporation 28F016SA Datasheet HTML 35Page - Intel Corporation 28F016SA Datasheet HTML 36Page - Intel Corporation 28F016SA Datasheet HTML 37Page - Intel Corporation 28F016SA Datasheet HTML 38Page - Intel Corporation 28F016SA Datasheet HTML 39Page - Intel Corporation 28F016SA Datasheet HTML 40Page - Intel Corporation 28F016SA Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
E
28F016SA
37
5.7
Power-Up and Reset Timings: COMMERCIAL/EXTENDED TEMPERATURE
RP#
3/5#
0V
3.3V
V
Power-Up
CC
5.0V
VCC
(P)
(Y)
(3V,5V)
4.5V
PLYL
t
t PL5V
YLPH
t
YHPH
t
Valid 5.0V Outputs
Valid
Valid
Address
Data
Valid 3.3V Outputs
AVQV
t
(A)
(Q)
AVQV
t
PHQV
t
PHQV
t
PHEL3
t
CE #
PHEL5
t
X
0489_13
Figure 14. VCC Power-Up and RP# Reset Waveforms
Symbol
Parameter
Notes
Min
Max
Unit
tPLYL
tPLYH
RP# Low to 3/5# Low (High)
0
µs
tYLPH
tYHPH
3/5# Low (High) to RP# High
1
2
µs
tPL5V
tPL3V
RP# Low to VCC at 4.5V minimum
(to VCC at 3.0V min or 3.6V max)
20
µs
tPHEL3
RP# High to CE# Low (3.3V VCC)
1
500
ns
tPHEL5
RP# High to CE# Low (5V VCC)
1
330
ns
tAVQV
Address Valid to Data Valid for VCC = 5V ± 10%
3
80
ns
tPHQV
RP# High to Data Valid for VCC = 5V ± 10%
3
480
ns
NOTES:
CE0#, CE1# and OE# are switched low after Power-Up.
1.
The tYLPH/tYHPH and tPHEL3/tPHEL5 times must be strictly followed to guarantee all other read and program specifications.
2.
The power supply may start to switch concurrently with RP# going low.
3.
The address access time and RP# high to data valid time are shown for 5V VCC operation of the 28F016SA-080. Refer to
the AC Characteristics Read Only Operations for 3.3V VCC and all other speed options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com