Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 31 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 31 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 27Page - Intel Corporation 28F016SA Datasheet HTML 28Page - Intel Corporation 28F016SA Datasheet HTML 29Page - Intel Corporation 28F016SA Datasheet HTML 30Page - Intel Corporation 28F016SA Datasheet HTML 31Page - Intel Corporation 28F016SA Datasheet HTML 32Page - Intel Corporation 28F016SA Datasheet HTML 33Page - Intel Corporation 28F016SA Datasheet HTML 34Page - Intel Corporation 28F016SA Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
E
28F016SA
31
5.5
DC
Characteristics:
COMMERCIAL
AND
EXTENDED
TEMPERATURE
(Continued)
VCC = 5.0V ± 10%, 5.0V ± 5%,TA = 0
°C to +70°C, -40°C to +85°C
3/5# Pin Set Low for 5V Operations
Temp
Comm/Extended
Sym
Parameter
Notes
Min
Typ
Max
Units
Test Conditions
IPPW
VPP Program Current for
Word or Byte
1
7
12
mA
VPP = VPPH
Program in Progress
IPPE
VPP Block Erase
Current
1
5
10
mA
VPP = VPPH
Block Erase in Progress
IPPES
VPP Erase Suspend
Current
1
65
200
µA
VPP = VPPH
Block Erase Suspended
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2.0
VCC
+0.5
V
VOL
Output Low Voltage
0.45
V
VCC = VCC Min
IOL = 5.8 mA
VOH1
Output High Voltage
0.85
VCC
VVCC = VCC Min
IOH = –2.5 mA
VOH2
VCC
–0.4
VVCC = VCC Min
IOH = –100 µA
VPPL
VPP during Normal
Operations
3
0.0
6.5
V
VPPH
VPP during Program/
Erase Operations
11.4
12.0
12.6
V
VLKO
VCC Program/Erase
Lock Voltage
2.0
V
NOTES:
1.
All currents are in RMS unless otherwise noted. Typical values at VCC = 5.0V, VPP = 12.0V, T = 25
°C. These currents are
valid for all product versions (package and speeds).
2.
ICCES is specified with the device deselected. If the device is read while in erasesuspend mode, current draw is the sum of
ICCES and ICCR.
3.
Block erases, word/byte programs and lock block operations are inhibited when VPP = VPPL and not guaranteed in the
range between VPPH and VPPL.
4.
Automatic Power Saving (APS) reduces ICCR to less than 2 mA in static operation.
5.
CMOS Inputs are either VCC ± 0.2V or GND ± 0.2V. TTL Inputs are either VIL or VIH.
6.
Standby current levels are not reached when putting the chip in standby mode immediately after reading the page buffer.
Default the device into read array or read Status Register mode before entering standby to ensure standby current levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com