Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 30 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 30 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 26Page - Intel Corporation 28F016SA Datasheet HTML 27Page - Intel Corporation 28F016SA Datasheet HTML 28Page - Intel Corporation 28F016SA Datasheet HTML 29Page - Intel Corporation 28F016SA Datasheet HTML 30Page - Intel Corporation 28F016SA Datasheet HTML 31Page - Intel Corporation 28F016SA Datasheet HTML 32Page - Intel Corporation 28F016SA Datasheet HTML 33Page - Intel Corporation 28F016SA Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
28F016SA
E
30
5.5
DC Characteristics: COMMERCIAL AND EXTENDED TEMPERATURE
(Continued)
VCC = 5.0V ± 10%, 5.0V ± 5%, TA = 0
°C to +70°C, –40°C to +85°C
3/5# Pin Set Low for 5V Operations
Temp
Comm
Extended
Sym
Parameter
Notes
Typ
Max
Typ
Max
Units
Test Conditions
IPPS
VPP Standby/Read
1
± 1
± 10
± 1
± 10
µA
VPP
≤ VCC
IPPR
Current
65
200
65
200
µA
VPP > VCC
IPPD
VPP Deep Power-
Down Current
1
0.2
5
0.2
5
µA
RP# = GND ± 0.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com