Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SA Datasheet(PDF) 8 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 8 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 4Page - Intel Corporation 28F016SA Datasheet HTML 5Page - Intel Corporation 28F016SA Datasheet HTML 6Page - Intel Corporation 28F016SA Datasheet HTML 7Page - Intel Corporation 28F016SA Datasheet HTML 8Page - Intel Corporation 28F016SA Datasheet HTML 9Page - Intel Corporation 28F016SA Datasheet HTML 10Page - Intel Corporation 28F016SA Datasheet HTML 11Page - Intel Corporation 28F016SA Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
28F016SA
E
8
2.1 Lead Descriptions
Symbol
Type
Name and Function
A0
INPUT
BYTE-SELECT ADDRESS: Selects between high and low byte when the
device is in x8 mode. This address is latched in x8 data programs. Not
used in x16 mode (i.e., the A0 input buffer is turned off when BYTE# is
high).
A1–A15
INPUT
WORD-SELECT ADDRESSES: Select a word within one 64-Kbyte block.
A6–15 selects 1 of 1024 rows, and A1–5 selects 16 of 512 columns. These
addresses are latched during data programs.
A16–A20
INPUT
BLOCK-SELECT ADDRESSES: Select 1 of 32 erase blocks. These
addresses are latched during data programs, block erase and lock block
operations.
DQ0–DQ7
INPUT/OUTPUT LOW-BYTE DATA BUS: Inputs data and commands during CUI write
cycles. Outputs array, buffer, identifier or status data in the appropriate
read mode. Floated when the chip is deselected or the outputs are
disabled.
DQ8–DQ15
INPUT/OUTPUT HIGH-BYTE DATA BUS: Inputs data during x16 data program
operations. Outputs array, buffer or identifier data in the appropriate read
mode; not used for Status Register reads. Floated when the chip is
deselected or the outputs are disabled.
CE0#,CE1#
INPUT
CHIP ENABLE INPUTS: Activate the device’s control logic, input buffers,
decoders and sense amplifiers. With either CE0# or CE1# high, the device
is deselected and power consumption reduces to standby levels upon
completion of any current data program or block erase operations. Both
CE0#, CE1# must be low to select the device.
All timing specifications are the same for both signals. Device selection
occurs with the latter falling edge of CE0# or CE1#. The first rising edge of
CE0# or CE1# disables the device.
RP#
INPUT
RESET/POWER-DOWN: RP# low places the device in a deep power-
down state. All circuits that burn static power, even those circuits enabled
in standby mode, are turned off. When returning from deep power-down,
a recovery time is required to allow these circuits to power-up.
When RP# goes low, any current or pending WSM operation(s) are
terminated, and the device is reset. All Status Registers return to ready
(with all status flags cleared).
OE#
INPUT
OUTPUT ENABLE: Gates device data through the output buffers when
low. The outputs float to tri-state off when OE# is high.
NOTE:
CEx# overrides OE#, and OE# overrides WE#.
WE#
INPUT
WRITE ENABLE: Controls access to the CUI, Page Buffers, Data Queue
Registers and Address Queue Latches. WE# is active low, and latches
both address and data (command or array) on its rising edge.
Page Buffer addresses are latched on the falling edge of WE#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com