Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD28F032SA Datasheet (PDF) - Intel Corporation

DD28F032SA Datasheet PDF - Intel Corporation
Part # DD28F032SA
Download  DD28F032SA Download
File Size   1402.06 Kbytes
Page   49 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY

DD28F032SA Datasheet (PDF)

Go To PDF Page Download Datasheet
DD28F032SA Datasheet PDF - Intel Corporation

Part # DD28F032SA
Download  DD28F032SA Click to download

File Size   1402.06 Kbytes
Page   49 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY

DD28F032SA Datasheet (HTML) - Intel Corporation


DD28F032SA Product details

PRODUCT OVERVIEW
The DD28F032SA is a high-performance 32-Mbit (33,554,432-bit) block erasable nonvolatile random access memory organized as either 2 Mword x 16, or 4 Mbyte x 8. The DD28F032SA is built using two 28F016SA chips encapsulated in a single 56- lead TSOP Type I package. The DD28F032SA includes sixty-four 64-KB (65,536) blocks or sixtyfour 32-KW (32,768) blocks.

■ User-Selectable 3.3V or 5V VCC
■ User-Configurable x8 or x16 Operation
■ 70 ns Maximum Access Time
■ 28.6 MB/sec Burst Write Transfer Rate
■ 1 Million Typical Erase Cycles per Block
■ 56-Lead, 1.2 x 14 x 20 mm Advanced Dual Die TSOP Package Technology
■ 64 Independently Lockable Blocks
■ Revolutionary Architecture
    - 100% Backwards-Compatible with Intel 28F016SA
    - Pipelined Command Execution
    - Program during Erase
■ 2 mA Typical ICC in Static Mode
■ 2 µA Typical Deep Power-Down
■ State-of-the-Art 0.6 µm ETOX™ IV Flash Technology




Similar Part No. - DD28F032SA

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD285N EUPEC-DD285N Datasheet
241Kb / 10P
Netz-Dioden-Modul Rectifier Diode Module
DD285N EUPEC-DD285N Datasheet
272Kb / 10P
Rectifier Diode Module
DD285N EUPEC-DD285N_04 Datasheet
272Kb / 10P
Rectifier Diode Module
More results


Similar Description - DD28F032SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
logo
Silicon Storage Technol...
SST39CF200A SST-SST39CF200A Datasheet
343Kb / 20P
2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com