Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD28F032SA Datasheet(PDF) 3 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 3 Page - Intel Corporation

  DD28F032SA Datasheet HTML 1Page - Intel Corporation DD28F032SA Datasheet HTML 2Page - Intel Corporation DD28F032SA Datasheet HTML 3Page - Intel Corporation DD28F032SA Datasheet HTML 4Page - Intel Corporation DD28F032SA Datasheet HTML 5Page - Intel Corporation DD28F032SA Datasheet HTML 6Page - Intel Corporation DD28F032SA Datasheet HTML 7Page - Intel Corporation DD28F032SA Datasheet HTML 8Page - Intel Corporation DD28F032SA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
E
DD28F032SA
3
CONTENTS
PAGE
PAGE
1.0 PRODUCT OVERVIEW................................... 5
2.0 DEVICE PINOUT............................................. 6
2.1 Lead Descriptions ........................................ 8
3.0 MODES OF OPERATION ............................. 10
4.0 MEMORY MAPS ........................................... 11
4.1 Extended Status Registers Memory Map ... 12
5.0 BUS OPERATIONS, COMMANDS AND
STATUS REGISTER DEFINITIONS................ 13
5.1 Bus Operations for Word-Wide Mode
(BYTE# = VIH).............................................. 13
5.2 Bus Operations for Byte-Wide Mode
(BYTE# = VIL) .............................................. 13
5.3 28F008SA Compatible Mode Command
Bus Definitions ............................................. 14
5.4 28F016SA-Performance Enhancement
Command Bus Definitions............................ 15
5.5 Compatible Status Register ....................... 16
5.6 Global Status Register ............................... 17
5.7 Block Status Register ................................ 18
6.0 ELECTRICAL SPECIFICATIONS.................. 19
6.1 Absolute Maximum Ratings........................ 19
6.2 Capacitance ............................................... 20
6.3 Timing Nomenclature ................................. 21
6.4 DC Characteristics (VCC = 3.3V ± 0.3V) .....24
6.5 DC Characteristics (VCC = 5.0V ± 0.5V) ....26
6.6 AC Characteristics—Read Only
Operations ................................................... 28
6.7 Power-Up and Reset Timings..................... 32
6.8 AC Characteristics for WE#—Controlled
Command Write Operations ......................... 33
6.9 AC Characteristics for CEX#—Controlled
Write Operations .......................................... 37
6.10 AC Characteristics for Page Buffer Write
Operations ................................................... 41
6.11 Erase and Word/Byte Program
Performance, Cycling Performance and
Suspend Latency ......................................... 44
7.0 DERATING CURVES .................................... 45
8.0 MECHANICAL SPECIFICATIONS ................ 47
APPENDIX A: Device Nomenclature/
Ordering Information ..................................... 48
APPENDIX B: Additional Information............... 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com