Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD28F032SA Datasheet(PDF) 21 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 21 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 17Page - Intel Corporation DD28F032SA Datasheet HTML 18Page - Intel Corporation DD28F032SA Datasheet HTML 19Page - Intel Corporation DD28F032SA Datasheet HTML 20Page - Intel Corporation DD28F032SA Datasheet HTML 21Page - Intel Corporation DD28F032SA Datasheet HTML 22Page - Intel Corporation DD28F032SA Datasheet HTML 23Page - Intel Corporation DD28F032SA Datasheet HTML 24Page - Intel Corporation DD28F032SA Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
E
DD28F032SA
21
6.3 Timing Nomenclature
All 3.3V system timings are measured from where signals cross 1.5V.
For 5.0V systems use the standard JEDEC cross point definitions.
Each timing parameter consists of 5 characters. Some common examples are defined below:
tCE
tELQV time(t) from CEX# (E) going low (L) to the outputs (Q) becoming valid (V)
tOE
tGLQV time(t) from OE # (G) going low (L) to the outputs (Q) becoming valid (V)
tACC
tAVQV time(t) from address (A) valid (V) to the outputs (Q) becoming valid (V)
tAS
tAVWH time(t) from address (A) valid (V) to WE# (W) going high (H)
tDH
tWHDX time(t) from WE# (W) going high (H) to when the data (D) can become undefined (X)
Pin Characters
Pin States
A
Address Inputs
H
High
D
Data Inputs
L
Low
Q
Data Outputs
V
Valid
ECEX# (Chip Enable)
X
Driven, but not necessarily valid
F
BYTE# (Byte Enable)
Z
High Impedance
G
OE# (Output Enable)
W
WE# (Write Enable)
P
RP# (Deep Power-Down Pin)
R
RY/BY# (Ready Busy)
V
Any Voltage Level
Y
3/5# Pin
5V
VCC at 4.5V Minimum
3V
VCC at 3.0V Minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com