Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD28F032SA Datasheet(PDF) 13 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 13 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 9Page - Intel Corporation DD28F032SA Datasheet HTML 10Page - Intel Corporation DD28F032SA Datasheet HTML 11Page - Intel Corporation DD28F032SA Datasheet HTML 12Page - Intel Corporation DD28F032SA Datasheet HTML 13Page - Intel Corporation DD28F032SA Datasheet HTML 14Page - Intel Corporation DD28F032SA Datasheet HTML 15Page - Intel Corporation DD28F032SA Datasheet HTML 16Page - Intel Corporation DD28F032SA Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
E
DD28F032SA
13
5.0 BUS OPERATIONS, COMMANDS AND STATUS REGISTER DEFINITIONS
5.1 Bus Operations for Word-Wide Mode (BYTE# = VIH)
Mode
Notes
RP#
CEX#(8)
CE0#
OE#
WE#
A1
DQ0–15
RY/BY#
Read
1,2,7
VIH
VIL
VIL
VIL
VIH
XDOUT
X
Output Disable
1,6,7
VIH
VIL
VIL
VIH
VIH
X
High Z
X
Standby
1,6,7
VIH
VIL
VIH
VIH
VIH
VIL
VIH
X
X
X
High Z
X
Deep Power-Down
1,3
VIL
X
XXXX
High Z
VOH
Manufacturer ID
4
VIH
VIL
VIL
VIL
VIH
VIL
0089H
VOH
Device ID
4
VIH
VIL
VIL
VIL
VIH
VIH
66A0H
VOH
Write
1,5,6
VIH
VIL
VIL
VIH
VIL
XDIN
X
5.2 Bus Operations for Byte-Wide Mode (BYTE# = VIL)
Mode
Notes
RP#
CEX#(8)
CE0#
OE#
WE#
A0
DQ0–7
RY/BY#
Read
1,2,7
VIH
VIL
VIL
VIL
VIH
XDOUT
X
Output Disable
1,6,7
VIH
VIL
VIL
VIH
VIH
X
High Z
X
Standby
1,6,7
VIH
VIL
VIH
VIH
VIH
VIL
VIH
X
X
X
High Z
X
Deep Power-Down
1,3
VIL
X
XXXX
High Z
VOH
Manufacturer ID
4
VIH
VIL
VIL
VIL
VIH
VIL
89H
VOH
Device ID
4
VIH
VIL
VIL
VIL
VIH
VIH
A0H
VOH
Write
1,5,6
VIH
VIL
VIL
VIH
VIL
XDIN
X
NOTES:
1.
X can be V
IH or VIL for address or control pins except for RY/BY#, which is either VOL or VOH.
2. RY/BY# output is open drain. When the WSM is ready, block erase is suspended or the device is in deep power-down
mode, RY/BY# will be at V
OH if it is tied to VCC through a resistor. RY/BY# at VOH is independent of OE# while a WSM
operation is in progress.
3. RP# at GND ± 0.2V ensures the lowest deep power-down current.
4. A0 and A1 at VIL provide device manufacturer codes in x8 and x16 modes respectively. A0 and A1 at VIH provide device ID
codes in x8 and x16 modes respectively. All other addresses are set to zero.
5. Commands for different block erase operations, data program operations or lock-block operations can only be successfully
completed when V
PP = VPPH
.
6. While the WSM is running, RY/BY# in level-mode (default) stays at V
OL until all operations are complete. RY/BY# goes to
V
OH when the WSM is not busy or in erase suspend mode.
7. RY/BY# may be at V
OL while the WSM is busy performing various operations; for example, a Status Register read during a
data program operation.
8. CE
X# = CE1# or CE2#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com