Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD28F032SA Datasheet(PDF) 16 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 16 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 12Page - Intel Corporation DD28F032SA Datasheet HTML 13Page - Intel Corporation DD28F032SA Datasheet HTML 14Page - Intel Corporation DD28F032SA Datasheet HTML 15Page - Intel Corporation DD28F032SA Datasheet HTML 16Page - Intel Corporation DD28F032SA Datasheet HTML 17Page - Intel Corporation DD28F032SA Datasheet HTML 18Page - Intel Corporation DD28F032SA Datasheet HTML 19Page - Intel Corporation DD28F032SA Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
DD28F032SA
E
16
NOTES:
1. RA can be the GSR address or any BSR address. See Figures 4 and 5 for Extended Status Register Memory Maps.
2. Upon device power-up, all BSR lock-bits come up locked. The Upload Status Bits command must be written to reflect the
actual lock-bit status.
3. A
0 is automatically complemented to load the second byte of data. BYTE# must be at VIL.
The A
0 value determines which WD/BC is supplied first: A0 = 0 looks at the WDL/BCL, A0 = 1 looks at the WDH/BCH.
4. BCH/WCH must be at 00H for this product because of the 256-byte (128-word) Page Buffer size and to avoid writing the
Page Buffer contents to more than one 256-byte segment within an array block. They are simply shown for future Page
Buffer expandability.
5. In x16 mode, only the lower byte DQ
0-7 is used for WCL and WCH. The upper byte DQ8-15 is a don’t care.
6. PBA and PD (whose count is given in cycles 2 and 3) are supplied starting in the fourth cycle, which is not shown.
7. This command allows the user to swap between available Page Buffers (0 or 1).
8. These commands reconfigure the RY/BY# output to one of two pulse-modes or enable and disable the RY/BY# function.
9. Program address, PA, is the destination address in the flash array which must match the source address in the Page
Buffer. Refer to the
16-Mbit Flash Product Family User’s Manual.
10. BCL = 00H corresponds to a byte count of 1. Similarly, WCL = 00H corresponds to a word count of 1.
11. To ensure that the DD28F032SA’s power consumption during sleep mode reads the deep power-down current level, the
system also needs to de-select the chip by taking either or both CE0# or CE1#/CE2# high.
12. The upper byte of the data bus (DQ8–15) during command programs is a “Don’t Care” in x16 operation of the device.
5.5 Compatible Status Register
WSMS
ESS
ES
DWS
VPPS
R
R
R
7
654
321
0
NOTES:
CSR.7 = WRITE STATE MACHINE STATUS
1 = Ready
0 = Busy
RY/BY# output or WSMS bit must be checked to
determine completion of an operation (erase
suspend, block erase or data program) before
the appropriate Status bit (ESS, ES or DWS) is
checked for success.
CSR.6 = ERASE-SUSPEND STATUS
1 = Erase Suspended
0 = Erase In Progress/Completed
CSR.5 = ERASE STATUS
1 = Error in Block Erasure
0 = Successful Block Erase
If DWS and ES are set to “1” during a block
erase attempt, an improper command sequence
was entered. Clear the CSR and attempt the
operation again.
CSR.4 = DATA WRITE STATUS
1 = Error in Data Program
0 = Data Program Successful
CSR.3 = VPP STATUS
1 = VPP Low Detect, Operation Abort
0 = VPP OK
The VPPS bit, unlike an A/D converter, does not
provide continuous indication of VPP level. The
WSM interrogates VPP’s level only after the Data
Program or Block Erase command sequences
have been entered, and informs the system if
VPP has not been switched on. VPPS is not
guaranteed to report accurate feedback between
VPPL and VPPH.
CSR.2–0 = RESERVED FOR FUTURE ENHANCEMENTS
These bits are reserved for future use; mask them out when polling the CSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com