Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DD28F032SA Datasheet(PDF) 39 Page - Intel Corporation

Part # DD28F032SA
Description  32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DD28F032SA Datasheet(HTML) 39 Page - Intel Corporation

Back Button DD28F032SA Datasheet HTML 35Page - Intel Corporation DD28F032SA Datasheet HTML 36Page - Intel Corporation DD28F032SA Datasheet HTML 37Page - Intel Corporation DD28F032SA Datasheet HTML 38Page - Intel Corporation DD28F032SA Datasheet HTML 39Page - Intel Corporation DD28F032SA Datasheet HTML 40Page - Intel Corporation DD28F032SA Datasheet HTML 41Page - Intel Corporation DD28F032SA Datasheet HTML 42Page - Intel Corporation DD28F032SA Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
E
DD28F032SA
39
6.9 AC Characteristics for CEX#—Controlled Command Write Operations(1)
(Continued)
VCC = 5.0V ± 0.5V, 5.0V ± 0.25V, TA = 0°C to +70°C
Versions
VCC ± 5%
DD28F032SA-070
Unit
VCC ± 10%
DD28F032SA-080
DD28F032SA-100
Sym
Parameter
Notes
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
tPHEL
RP# High
Recovery to
CEX#
Going Low
111
µs
tEHGL
Write
Recovery
before Read
60
65
80
ns
tQVVL
VPP Hold from
Valid Status
Register
(CSR, GSR,
BSR) Data at
RY/BY# High
000
µs
tEHQV1 Duration of
Word/Byte
Program
Operation
4,5
4.5
6
Note
7
4.5
6
Note
7
4.5
6
Note
7
µs
tEHQV2 Duration of
Block Erase
Operation
4
0.3
10
0.3
10
0.3
10
sec
NOTES:
For 28F016SA No. 1: CE
X# is defined as the latter of CE0# or CE1# going low or the first of CE0# or CE1# going high.
For 28F016SA No. 2: CE
X# is defined as the latter of CE0# or CE2# going low or the first of CE0# or CE2# going high.
1. Read timings during data program and block erase are the same as for normal read.
2. Refer to command definition tables for valid address and data values.
3. Sampled, but not 100% tested.
4. Data program/block erase durations are measured to valid Status Register data.
5. Word/byte program operations are typically performed with 1 programming pulse.
6. Address and data are latched on the rising edge of CE
X# for all command write operations.
7. This information will be available in a technical paper. Please call Intel’s Applications Hotline or your local sales office for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com