Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F016SV Datasheet (PDF) - Intel Corporation

28F016SV Datasheet PDF - Intel Corporation
Part # 28F016SV
Download  28F016SV Download
File Size   635.76 Kbytes
Page   63 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY

28F016SV Datasheet (PDF)

Go To PDF Page Download Datasheet
28F016SV Datasheet PDF - Intel Corporation

Part # 28F016SV
Download  28F016SV Click to download

File Size   635.76 Kbytes
Page   63 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY

28F016SV Datasheet (HTML) - Intel Corporation


28F016SV Product details

Intel’s 28F016SV 16-Mbit FlashFile™ memory is a revolutionary architecture which is the ideal choice for designing embedded direct-execute code and mass storage data/file flash memory systems. With innovative capabilities, low-power operation, user-selectable VPP voltage and high read/program performance, the 28F016SV enables the design of truly mobile, high-performance personal computing and communications products.



SmartVoltage Technology

  - User-Selectable 3.3V or 5V VCC

  - User-Selectable 5V or 12V VPP

65 ns Access Time

1 Million Erase Cycles per Block

30.8 MB/sec Burst Write Transfer Rate

0.48 MB/sec Sustainable Write Transfer Rate

Configurable x8 or x16 Operation

56-Lead TSOP and SSOP Type I Packages

Backwards-Compatible with 28F016SA, 28F008SA Command Set

Revolutionary Architecture

  - Multiple Command Execution

  - Program during Erase

  - Command Super-Set of the Intel 28F008SA

  - Page Buffer Program

2 µA Typical Deep Power-Down

32 Independently Lockable Blocks

State-of-the-Art 0.6 µm ETOX™ IV Flash Technology




Similar Part No. - 28F016SV

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
More results


Similar Description - 28F016SV

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com