Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F008SA-L Datasheet (PDF) - Intel Corporation

28F008SA-L Datasheet PDF - Intel Corporation
Part # 28F008SA-L
Download  28F008SA-L Download
File Size   437.93 Kbytes
Page   28 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY

28F008SA-L Datasheet (PDF)

Go To PDF Page Download Datasheet
28F008SA-L Datasheet PDF - Intel Corporation

Part # 28F008SA-L
Download  28F008SA-L Click to download

File Size   437.93 Kbytes
Page   28 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY

28F008SA-L Datasheet (HTML) - Intel Corporation


28F008SA-L Product details

PRODUCT OVERVIEW
The 28F008SA-L is a high-performance 8-Mbit (8,388,608-bit) memory organized as 1 Mbyte (1,048,576 bytes) of 8 bits each. Sixteen 64-Kbyte (65,536-byte) blocks are included on the 28F008SA-L. A memory map is shown in Figure 6 of this specification. A block erase operation erases one of the sixteen blocks of memory in typically 2.0 seconds, independent of the remaining blocks. Each block can be independently erased and written 10,000 cycles. Erase Suspend mode allows system software to suspend block erase to read data or execute code from any other block of the 28F008SA-L.

■ High-Density Symmetrically-Blocked Architecture
   — Sixteen 64-Kbyte Blocks
■ Low-Voltage Operation
   — -3.3V g0.3V or 5.0V ±10% VCC
■ Extended Cycling Capability
   — 10,000 Block Erase Cycles
   — 160,000 Block Erase Cycles per Chip
■ Automated Byte Write and Block Erase
   — Command User Interface
   — Status Register
■ System Performance Enhancements
   — RY/BYÝ # Status Output
   — Erase Suspend Capability
■ High-Performance Read
   — 200 ns Maximum Access Time
■ Deep Power-Down Mode
   — 0.20 μA ICC Typical
■ SRAM-Compatible Write Interface
■ Hardware Data Protection Feature
   — Erase/Write Lockout during Power Transitions
■ Industry Standard Packaging
   — 40-Lead TSOP, 44-Lead PSOP
■ ETOX™ III Nonvolatile Flash Technology
   — 12V Byte Write/Block Erase




Similar Part No. - 28F008SA-L

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008SA-L INTEL-28F008SA-L Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
More results


Similar Description - 28F008SA-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
8 MBIT(1 MBIT x 8) FLASH MEMORY
logo
Intel Corporation
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com