Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA9415-B13 Datasheet (PDF) - Micronas

SDA9415-B13 Datasheet PDF - Micronas
Part # SDA9415-B13
Download  SDA9415-B13 Download
File Size   3307.41 Kbytes
Page   185 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Display Processor and Scan Rate Converter

SDA9415-B13 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA9415-B13 Datasheet PDF - Micronas

Part # SDA9415-B13
Download  SDA9415-B13 Click to download

File Size   3307.41 Kbytes
Page   185 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description Display Processor and Scan Rate Converter

SDA9415-B13 Datasheet (HTML) - Micronas


SDA9415-B13 Product details

Introduction
The SDA 9415 is a new component of the Micronas MEGAVISION® IC set, which enables the system to reduce large area and line flickering of interlaced TV standards.
The scan rate conversion to 100/120 Hz interlaced or 50/60 Hz progressive scan is motion vector based. For the 100/120 Hz (50/60 Hz) conversion the SDA 9415 really calculates 100/120 Hz (50/60 Hz) fields with continuous motion phases to avoid double contour effects in the motion display. In the special case of movie sources, which have a non-continuous motion phase, the SDA 9415 generates at the output an appropriate sequence with a continuous motion phase („True Motion“).

Due to the frame based signal processing, the noise reduction has been greatly improved. Furthermore different motion detectors for luminance and chrominance have been implemented. For automatic controlling of the noise reduction parameters a noise measurement algorithm is included, which measures the noise level in the picture or in the blanking period. In addition a spatial noise reduction is implemented, which reduces the noise even in the case of motion.

The SDA 9415 has two input channels, which can be used for different features like Picture-in-Picture (maximum approximately 1/9 picture) and “Double-window/Splitscreen”. The two input signals can be scaled horizontally and vertically with variable factors. Panorama modes will be supported.

Besides that an algorithm for the detection of letter box pictures is included. The SDA 9415 delivers the start and the end line of the active picture part of the input signal to an external µC. The µC calculates the zoom factors for displaying the active picture part on the full screen and sends this values back to the SDA 9415

Picture sharpness can be greatly improved by a LTI (luminance transition improvement) or/and peaking and a CTI (colour transition improvement) algorithm. The resolution of the output signals is 9 bit. The SDA 9415 has analog output signals.




Similar Part No. - SDA9415-B13

ManufacturerPart #DatasheetDescription
logo
Micronas
SDA9410-B13 MICRONAS-SDA9410-B13 Datasheet
3Mb / 179P
Display Processor and Scan Rate Converter using Embedded DRAM Technology Units
More results


Similar Description - SDA9415-B13

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65656FP MITSUBISHI-M65656FP Datasheet
1Mb / 5P
SCAN CONVERTER
M65657FP MITSUBISHI-M65657FP Datasheet
1Mb / 5P
SCAN CONVERTER
logo
Sony Corporation
CXD2428Q SONY-CXD2428Q Datasheet
291Kb / 16P
Video Scan Converter
logo
Micronas
SDA9400 MICRONAS-SDA9400 Datasheet
1Mb / 94P
Scan Rate Converter using Embedded DRAM Technology Units
DDP3310B MICRONAS-DDP3310B Datasheet
1Mb / 60P
Display and Deflection Processor
logo
List of Unclassifed Man...
SDA9401 ETC-SDA9401 Datasheet
1Mb / 69P
Scan Rate Converter using Embedded DRAM Technology Units
logo
Siemens Semiconductor G...
SDA9255 SIEMENS-SDA9255 Datasheet
225Kb / 45P
SRC-Scan Rate Converter SDA9255
logo
Micronas
SDA9410-B13 MICRONAS-SDA9410-B13 Datasheet
3Mb / 179P
Display Processor and Scan Rate Converter using Embedded DRAM Technology Units
VSP9402A MICRONAS-VSP9402A Datasheet
1Mb / 126P
PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG_05 Datasheet
1Mb / 110P
YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com