Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA9401 Datasheet (PDF) - List of Unclassifed Manufacturers

SDA9401 Datasheet PDF - List of Unclassifed Manufacturers
Part # SDA9401
Download  SDA9401 Download
File Size   1142.31 Kbytes
Page   69 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Scan Rate Converter using Embedded DRAM Technology Units

SDA9401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDA9401 Datasheet PDF - List of Unclassifed Manufacturers

Part # SDA9401
Download  SDA9401 Click to download

File Size   1142.31 Kbytes
Page   69 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Scan Rate Converter using Embedded DRAM Technology Units

SDA9401 Datasheet (HTML) - List of Unclassifed Manufacturers


SDA9401 Product details

[Micronas]

General description
The SDA 9401 is a new component of the Micronas MEGAVISION® IC set in a 0.35 µm embedded DRAM technology (field memory embedded). The SDA 9401 is pin compatible to the SDA 9400 (frame memory embedded). The SDA 9401 comprises all main functionalities of a digital featurebox in one monolithic IC.

Features
• Two input data formats
   - 4:2:2 luminance and chrominance parallel (2 x 8 wires)
   - ITU-R 656 data format (8 wires)
• Two different representations of input chrominance data
   - 2‘s complement code
   - Positive dual code
• Flexible input sync controller
• Flexible compression of the input signal
   - Digital vertical compression of the input signal (1.0, 1.25, 1.5, 1.75, 2.0, 3.0, 4.0)
   - Digital horizontal compression of the input signal (1.0, 2.0, 4.0)
• Noise reduction
   - Motion adaptive spatial and temporal noise reduction (3D-NR)
   - Temporal noise reduction for luminance field based
   - Temporal noise reduction for chrominance field based
   - Separate motion detectors for luminance and chrominance
   - Flexible programming of the temporal noise reduction parameters
   - Automatic measurement of the noise level (5 bit value, readable by I²C bus)
• TV mode detection by counting line numbers (PAL, NTSC, readable by I²C bus)
• Embedded memory
   - 3.2 Mbit embedded DRAM core for field memories
   - 128 kbit embedded DRAM core for line memories
• Flexible clock and synchronization concept
   - Decoupling of the input and output clock system possible
• Scan rate conversion
   - Simple 100/120 Hz interlaced scan conversion (e.g. AABB, AA*B*B)
   - Simple progressive scan conversion (e.g. AA*)
• Flexible digital vertical expansion of the output signal (1.0, ... [1/32] ... , 2.0)
• Flexible output sync controller
   - Flexible positioning of the output signal
   - Flexible programming of the output sync raster
• Signal manipulations
   - Insertion of coloured background
   - Vertical and/or horizontal windowing with four different speed factors
   - Flash generation
   - Still field
   - Support of split screen applications
   - Multiple picture display - Tuner scan (4 and 16 times for 4:3, 12 times for 16:9 tubes)
   - Support of multi picture display with PIP or front-end processor with integrated scaler
      (e.g. 9 times display of PIP pictures, picture tracking, random pictures, still-in-moving picture, moving-in-still picture)
• I²C-bus control (400 kHz)
• P-MQFP-64 package
• 3.3 V ± 5% supply voltage




Similar Part No. - SDA9401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SDA9401 TOSHIBA-SDA9401 Datasheet
5Mb / 70P
COLOUR TELEVISION
More results


Similar Description - SDA9401

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65656FP MITSUBISHI-M65656FP Datasheet
1Mb / 5P
SCAN CONVERTER
M65657FP MITSUBISHI-M65657FP Datasheet
1Mb / 5P
SCAN CONVERTER
logo
Sony Corporation
CXD2428Q SONY-CXD2428Q Datasheet
291Kb / 16P
Video Scan Converter
logo
Micronas
SDA9400 MICRONAS-SDA9400 Datasheet
1Mb / 94P
Scan Rate Converter using Embedded DRAM Technology Units
SDA9415-B13 MICRONAS-SDA9415-B13 Datasheet
3Mb / 185P
Display Processor and Scan Rate Converter
logo
Siemens Semiconductor G...
SDA9255 SIEMENS-SDA9255 Datasheet
225Kb / 45P
SRC-Scan Rate Converter SDA9255
logo
Micronas
SDA9410-B13 MICRONAS-SDA9410-B13 Datasheet
3Mb / 179P
Display Processor and Scan Rate Converter using Embedded DRAM Technology Units
VSP9402A MICRONAS-VSP9402A Datasheet
1Mb / 126P
PRIMUS Powerful Scan-Rate Converter including Multistandard Color Decoder
logo
Projects Unlimited, Inc...
AI-4329-P-SP28-R PUI-AI-4329-P-SP28-R Datasheet
219Kb / 1P
REVISED PULSE RATE UNITS
logo
Texas Instruments
SCANPSC100F TI1-SCANPSC100F Datasheet
573Kb / 28P
Embedded Boundary Scan Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com