Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DA1971Q Datasheet (PDF) - Diodes Incorporated

2DA1971Q Datasheet PDF - Diodes Incorporated
Part # 2DA1971Q
Download  2DA1971Q Download
File Size   378.84 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP HIGH VOLTAGE SWITCHING TRANSISTOR

2DA1971Q Datasheet (PDF)

Go To PDF Page Download Datasheet
2DA1971Q Datasheet PDF - Diodes Incorporated

Part # 2DA1971Q
Download  2DA1971Q Click to download

File Size   378.84 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP HIGH VOLTAGE SWITCHING TRANSISTOR

2DA1971Q Datasheet (HTML) - Diodes Incorporated


2DA1971Q Product details

Description
This Bipolar Junction Transistor (BJT) is designed to meet the stringent requirement of Automotive Applications.

Features
• BVCEO > -400V
• IC = -0.5A Continuous Collector Current
• ICM = -1A Peak Pulse Current
• High Gain Holds up hFE ≥ 140 @ IC = -100mA
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• High Voltage Switching




Similar Part No. - 2DA1971Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
2DA1971-13 DIODES-2DA1971-13 Datasheet
281Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
2DA1971-13 DIODES-2DA1971-13 Datasheet
284Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 3
2DA1971-7 DIODES-2DA1971-7 Datasheet
281Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
2DA1971-7 DIODES-2DA1971-7 Datasheet
284Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 3
More results


Similar Description - 2DA1971Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93003 STMICROELECTRONICS-ST93003 Datasheet
254Kb / 7P
HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
Oct-2002
STD93003 STMICROELECTRONICS-STD93003 Datasheet
295Kb / 8P
HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
Oct-2002
STX93003 STMICROELECTRONICS-STX93003 Datasheet
247Kb / 7P
HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
Oct-2002
logo
KEC(Korea Electronics)
KTA1660 KEC-KTA1660 Datasheet
421Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING)
KTC4520 KEC-KTC4520 Datasheet
356Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
STMicroelectronics
STN93003 STMICROELECTRONICS-STN93003 Datasheet
232Kb / 10P
High voltage fast-switching PNP power transistor
11-May-2006
STN9260 STMICROELECTRONICS-STN9260 Datasheet
321Kb / 10P
High voltage fast-switching PNP power transistor
03-Aug-2011
STN9360 STMICROELECTRONICS-STN9360 Datasheet
461Kb / 10P
High voltage fast-switching PNP power transistor
06-Dec-2012
logo
Galaxy Semi-Conductor H...
3CD14001 BILIN-3CD14001 Datasheet
177Kb / 4P
High Voltage Fast Switching PNP Power Transistor
logo
Shenzhen Luguang Electr...
3CD14001 LUGUANG-3CD14001 Datasheet
1Mb / 3P
High Voltage Fast Switching PNP Power Transistor
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com