Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG10D Datasheet (PDF) - Diotec Semiconductor

BYG10D Datasheet PDF - Diotec Semiconductor
Part # BYG10D
Download  BYG10D Download
File Size   159.63 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Standard Avalanche SMD Rectifier Diodes

BYG10D Datasheet (PDF)

Go To PDF Page Download Datasheet
BYG10D Datasheet PDF - Diotec Semiconductor

Part # BYG10D
Download  BYG10D Click to download

File Size   159.63 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Standard Avalanche SMD Rectifier Diodes

BYG10D Datasheet (HTML) - Diotec Semiconductor


BYG10D Product details

Features
   Controlled avalanche characteristic High average forward current
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   50/60 Hz Mains Rectification, Power Supplies, Polarity Protection Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
   Taped and reeled 7500 / 13“
   Weight approx. 0.07 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                      MSL = 1




Similar Part No. - BYG10D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D Datasheet
59Kb / 5P
Silicon Mesa SMD Rectifier
24-Jun-98
BYG10D VISHAY-BYG10D Datasheet
106Kb / 5P
Standard Avalanche SMD Rectifier
03-Jun-09
logo
Shenzhen Taychipst Elec...
BYG10D TAYCHIPST-BYG10D Datasheet
3Mb / 2P
Silicon Mesa SMD Rectifier
logo
SUNMATE electronic Co.,...
BYG10D SUNMATE-BYG10D Datasheet
310Kb / 2P
SURFACE MOUNT SILICON MESA (SMD) RECTIFIER DIODE
logo
Diotec Semiconductor
BYG10D DIOTEC-BYG10D Datasheet
158Kb / 2P
Standard Avalanche SMD Rectifier Diodes
More results


Similar Description - BYG10D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D Datasheet
106Kb / 5P
Standard Avalanche SMD Rectifier
03-Jun-09
BYG10M-E3 VISHAY-BYG10M-E3 Datasheet
91Kb / 5P
Standard Avalanche SMD Rectifier
20-May-14
logo
Diotec Semiconductor
AL1A DIOTEC-AL1A_15 Datasheet
142Kb / 2P
Controlled Avalanche Standard Recovery SMD Rectifier Diodes
AL1A DIOTEC-AL1A_16 Datasheet
142Kb / 2P
Controlled Avalanche Standard Recovery SMD Rectifier Diodes
AL1A DIOTEC-AL1A_17 Datasheet
148Kb / 2P
Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000 Datasheet
167Kb / 2P
Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000_18 Datasheet
167Kb / 2P
Standard Avalanche SMD Rectifier Diodes
BYG10D DIOTEC-BYG10D_18 Datasheet
158Kb / 2P
Standard Avalanche SMD Rectifier Diodes
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D_V01 Datasheet
91Kb / 5P
Standard Avalanche SMD Rectifier
15-Jan-14
BYG10D VISHAY-BYG10D_V02 Datasheet
106Kb / 5P
Standard Avalanche SMD Rectifier
21-Feb-2020
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com