Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYG10D Datasheet (PDF) - Vishay Siliconix

BYG10D Datasheet PDF - Vishay Siliconix
Part # BYG10D_V02
Download  BYG10D Download
File Size   106.28 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Avalanche SMD Rectifier

BYG10D Datasheet (PDF)

Go To PDF Page Download Datasheet
BYG10D Datasheet PDF - Vishay Siliconix

Part # BYG10D_V02
Download  BYG10D Click to download

File Size   106.28 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Avalanche SMD Rectifier

BYG10D Datasheet (HTML) - Vishay Siliconix


BYG10D Product details

FEATURES
• Low profile package
• Ideal for automated placement
• Controlled avalanche characteristics
• Glass passivated pellet chip junction
• Low reverse current
• High surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHE3 or P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters, and freewheeling diodes for
consumer, automotive, and telecommunication.

MECHANICAL DATA
Case: SMA (DO-214AC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/N-M3 - halogen-free, RoHS-compliant, commercial
grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
Base P/NHM3_X - halogen-free, RoHS-compliant and
AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B,...)
Terminals: matte tin plated leads, solderable per J-STD-002
and JESD 22-B102
E3, M3, HE3, HM3 suffix meet JESD 201 class 2 whisker test
Polarity: color band denotes the cathode end




Similar Part No. - BYG10D_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D_V01 Datasheet
91Kb / 5P
Standard Avalanche SMD Rectifier
15-Jan-14
logo
Diotec Semiconductor
BYG10D DIOTEC-BYG10D_V01 Datasheet
768Kb / 3P
Diode 600 V 1.5A Surface Mount DO-214AC, SMA
Version 2021-07-30
More results


Similar Description - BYG10D_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D Datasheet
106Kb / 5P
Standard Avalanche SMD Rectifier
03-Jun-09
BYG10M-E3 VISHAY-BYG10M-E3 Datasheet
91Kb / 5P
Standard Avalanche SMD Rectifier
20-May-14
logo
Diotec Semiconductor
AL1A DIOTEC-AL1A_15 Datasheet
142Kb / 2P
Controlled Avalanche Standard Recovery SMD Rectifier Diodes
AL1A DIOTEC-AL1A_16 Datasheet
142Kb / 2P
Controlled Avalanche Standard Recovery SMD Rectifier Diodes
AL1A DIOTEC-AL1A_17 Datasheet
148Kb / 2P
Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000 Datasheet
167Kb / 2P
Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000_18 Datasheet
167Kb / 2P
Standard Avalanche SMD Rectifier Diodes
BYG10D DIOTEC-BYG10D Datasheet
159Kb / 2P
Standard Avalanche SMD Rectifier Diodes
BYG10D DIOTEC-BYG10D_18 Datasheet
158Kb / 2P
Standard Avalanche SMD Rectifier Diodes
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D_V01 Datasheet
91Kb / 5P
Standard Avalanche SMD Rectifier
15-Jan-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com