Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA7061M Datasheet (PDF) - Allegro MicroSystems

SLA7061M Datasheet PDF - Allegro MicroSystems
Part # SLA7061M
Download  SLA7061M Download
File Size   403.76 Kbytes
Page   16 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS

SLA7061M Datasheet (PDF)

Go To PDF Page Download Datasheet
SLA7061M Datasheet PDF - Allegro MicroSystems

Part # SLA7061M
Download  SLA7061M Click to download

File Size   403.76 Kbytes
Page   16 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS

SLA7061M Datasheet (HTML) - Allegro MicroSystems


SLA7061M Product details

Combining low-power CMOS logic with high-current, high-voltage power FET outputs, the Series SLA7060M translator/drivers provide complete control and drive for a two-phase unipolar stepper motor with internal fixed off time and pulse-width modulation (PWM) control of the output current in a power multi-chip module (PMCM™). There are no phase-sequence tables, high-frequency control lines, or complex interfaces to program.



FEATURES

To 3 A Output Rating

Internal Sequencer for Microstepping Operation

PWM Constant-Current Motor Drive

 Cost-Effective, Multi-Chip Solution

100 V, Avalanche-Rated NMOS

Low rDS(on) NMOS Outputs

Advanced, Improved Body Diodes

Inputs Compatible with 3.3 V or 5 V Control Signals

Sleep Mode

Internal Clamp Diodes




Similar Part No. - SLA7061M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7061M SANKEN-SLA7061M Datasheet
705Kb / 18P
2-Phase Unipolar Stepper Motor Driver
More results


Similar Description - SLA7061M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5804 ALLEGRO-5804 Datasheet
154Kb / 8P
BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
SLA7024M ALLEGRO-SLA7024M Datasheet
137Kb / 12P
HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7062 ALLEGRO-SLA7062 Datasheet
403Kb / 16P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
Siemens Semiconductor G...
TCA1560B SIEMENS-TCA1560B Datasheet
659Kb / 19P
STEPPER MOTOR DRIVERS
logo
Allegro MicroSystems
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
List of Unclassifed Man...
EDE1200 ETC1-EDE1200 Datasheet
222Kb / 6P
Unipolar Stepper Motor IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
Unipolar Stepper Motor Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com