Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA7052M Datasheet (PDF) - Allegro MicroSystems

SLA7052M Datasheet PDF - Allegro MicroSystems
Part # SLA7052M
Download  SLA7052M Download
File Size   349.31 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER

SLA7052M Datasheet (PDF)

Go To PDF Page Download Datasheet
SLA7052M Datasheet PDF - Allegro MicroSystems

Part # SLA7052M
Download  SLA7052M Click to download

File Size   349.31 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER

SLA7052M Datasheet (HTML) - Allegro MicroSystems


SLA7052M Product details

FEATURES
 3 A Output Rating
 Internal Sequencer for Full or Half-Step Operation
 PWM Constant-Current Motor Drive
 Cost-Effective, Multi-Chip Solution
 100 V, Avalanche-Rated NMOS
 Low rDS(on) NMOS Outputs (150 mΩ typical)
 Advanced, Improved Body Diodes
 Half-Step and Full-Step Unipolar Drive
 Inputs Compatible with 3.3 V or 5 V Control Signals
 Sleep Mode
 Internal Clamp Diodes




Similar Part No. - SLA7052M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7052M SANKEN-SLA7052M Datasheet
438Kb / 14P
2-Phase Unipolar Stepper Motor Driver
More results


Similar Description - SLA7052M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5804 ALLEGRO-5804 Datasheet
154Kb / 8P
BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7062 ALLEGRO-SLA7062 Datasheet
403Kb / 16P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7061M ALLEGRO-SLA7061M Datasheet
403Kb / 16P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
Unipolar Stepper Motor Driver
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
Unipolar PWM Stepper Motor Driver
logo
Texas Instruments
DRV8805 TI1-DRV8805 Datasheet
598Kb / 16P
UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
UNIPOLAR STEPPER MOTOR DRIVER IC
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com