Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIC702C Datasheet (PDF) - Hitachi Semiconductor

BIC702C Datasheet PDF - Hitachi Semiconductor
Part # BIC702C
Download  BIC702C Download
File Size   74.77 Kbytes
Page   11 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Bias Controlled Monolithic IC VHF/UHF RF Amplifier

BIC702C Datasheet (PDF)

Go To PDF Page Download Datasheet
BIC702C Datasheet PDF - Hitachi Semiconductor

Part # BIC702C
Download  BIC702C Click to download

File Size   74.77 Kbytes
Page   11 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Bias Controlled Monolithic IC VHF/UHF RF Amplifier

BIC702C Datasheet (HTML) - Hitachi Semiconductor


BIC702C Product details

Features

•  Bias Controlled Monolithic IC (No external DC biasing voltage on gate1.);

    To reduce using parts cost & PC board space.

•  High |yfs| ;

    |yfs| = 29 mS typ. ( f = 1kHz)

•  Low noise;

    NF = 1.0 dB typ. (at f = 200 MHz), NF = 1.6 dB typ. (at f = 900 MHz)

•  Withstanding to ESD;

    Build in ESD absorbing diode. Withstand up to 200V at C = 200pF, Rs = 0 conditions.

•  Provide mini mold package; CMPAK-4 (SOT-343mod)




Similar Part No. - BIC702C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BIC702C RENESAS-BIC702C Datasheet
174Kb / 13P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
More results


Similar Description - BIC702C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB305C HITACHI-BB305C Datasheet
66Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB502M HITACHI-BB502M Datasheet
65Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BIC801M HITACHI-BIC801M Datasheet
82Kb / 12P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
logo
Renesas Technology Corp
BIC702C RENESAS-BIC702C Datasheet
174Kb / 13P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
BIC702M RENESAS-BIC702M Datasheet
174Kb / 13P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
BIC703C RENESAS-BIC703C Datasheet
173Kb / 13P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
BIC703M RENESAS-BIC703M Datasheet
173Kb / 13P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
logo
New Japan Radio
NJM2275 NJRC-NJM2275_1 Datasheet
214Kb / 11P
VHF/UHF BAND RF AMPLIFIER
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com