Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BIC702C Datasheet (PDF) - Renesas Technology Corp

BIC702C Datasheet PDF - Renesas Technology Corp
Part # BIC702C
Download  BIC702C Download
File Size   174.29 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bias Controlled Monolithic IC VHF/UHF RF Amplifier

BIC702C Datasheet (PDF)

Go To PDF Page Download Datasheet
BIC702C Datasheet PDF - Renesas Technology Corp

Part # BIC702C
Download  BIC702C Click to download

File Size   174.29 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bias Controlled Monolithic IC VHF/UHF RF Amplifier

BIC702C Datasheet (HTML) - Renesas Technology Corp


BIC702C Product details

Features

•  Bias Controlled Monolithic IC (No external DC biasing voltage on gate1.);

    To reduce using parts cost & PC board space.

•  High |yfs| ;

    |yfs| = 29 mS typ. ( f = 1kHz)

•  Low noise;

    NF = 1.0 dB typ. (at f = 200 MHz), NF = 1.6 dB typ. (at f = 900 MHz)

•  Withstanding to ESD;

    Build in ESD absorbing diode. Withstand up to 200V at C = 200pF, Rs = 0 conditions.

•  Provide mini mold package; CMPAK-4 (SOT-343mod)




Similar Part No. - BIC702C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BIC702C HITACHI-BIC702C Datasheet
74Kb / 11P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
More results


Similar Description - BIC702C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB304M HITACHI-BB304M Datasheet
68Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB305C HITACHI-BB305C Datasheet
66Kb / 12P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB501C HITACHI-BB501C Datasheet
71Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB502M HITACHI-BB502M Datasheet
65Kb / 13P
Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BIC702C HITACHI-BIC702C Datasheet
74Kb / 11P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
BIC801M HITACHI-BIC801M Datasheet
82Kb / 12P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
logo
Renesas Technology Corp
BIC702M RENESAS-BIC702M Datasheet
174Kb / 13P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
BIC703C RENESAS-BIC703C Datasheet
173Kb / 13P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
BIC703M RENESAS-BIC703M Datasheet
173Kb / 13P
Bias Controlled Monolithic IC VHF/UHF RF Amplifier
logo
New Japan Radio
NJM2275 NJRC-NJM2275_1 Datasheet
214Kb / 11P
VHF/UHF BAND RF AMPLIFIER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com