Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CN8380 Datasheet (PDF) - Synaptics Incorporated.

CN8380 Datasheet PDF - Synaptics Incorporated.
Part # CN8380
Download  CN8380 Download
File Size   921.77 Kbytes
Page   91 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description integrated quad line interface unit unit for both 1.544 Mbps (T1) and 2.048 Mbps (E1) applications

CN8380 Datasheet (PDF)

Go To PDF Page Download Datasheet
CN8380 Datasheet PDF - Synaptics Incorporated.

Part # CN8380
Download  CN8380 Click to download

File Size   921.77 Kbytes
Page   91 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description integrated quad line interface unit unit for both 1.544 Mbps (T1) and 2.048 Mbps (E1) applications

CN8380 Datasheet (HTML) - Synaptics Incorporated.


CN8380 Product details

The CN8380 is a fully integrated quad line interface unit for both 1.544 Mbps (T1) and 2.048 Mbps (E1) applications. It is designed to complement T1/E1 framers or operate as a stand-alone line interface to synchronous or plesiochronous mappers and multiplexers.

Distinguishing Features
• Four T1/E1 short haul line interfaces in a single chip
• On-chip CLAD /system synchronizer
• Digital (crystal-less) jitter attenuators selectable for transmitter/receiver on each line interface
• Meets AT&T pub 62411 jitter specs
• Meets ITU G.703, ETS 300 011 (PSTNX) Connections
• AMI/B8ZS/HDB3 line codes
• Host serial port or hardware only control modes
• On-chip receive clock recovery
• Common transformers for 120/75 Ω E1 and 100 Ω T1
• Low-power 3.3 V power supply
• Transmitter performance monitor
• Compatible with latest ANSI, ITU-T, and ETSI standards
• 128-pin MQFP package
• Remote and local loopbacks

Applications
• SONET/SDH multiplexers
• T3 and E3/E4 (PDH) multiplexers
• ATM multiplexers
• Voice compression and voice processing equipment
• WAN routers and bridges
• Digital loop carrier terminals (DLC)
• HDSL terminal units
• Remote concentrators
• Central office equipment
• PBXs and rural switches
• PCM/voice channel banks
• Digital access and cross-connect systems (DACS)




Similar Part No. - CN8380

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CN8380 PULSE-CN8380 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
More results


Similar Description - CN8380

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
Quad T1/E1 Line Interface Unit
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
Octal T1/E1/J1 Line Interface Unit
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
Quad E1 Line Interface Unit
logo
Integrated Device Techn...
IDT82V2044 IDT-IDT82V2044 Datasheet
1Mb / 61P
QUAD T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
QUAD E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2044E IDT-IDT82V2044E Datasheet
1Mb / 73P
QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
logo
Renesas Technology Corp
IDT82V2044E RENESAS-IDT82V2044E Datasheet
1Mb / 74P
QUAD CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
August 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com