Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet (PDF) - Cirrus Logic

CS61884 Datasheet PDF - Cirrus Logic
Part # CS61884
Download  CS61884 Download
File Size   1474.26 Kbytes
Page   72 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Octal T1/E1/J1 Line Interface Unit

CS61884 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS61884 Datasheet PDF - Cirrus Logic

Part # CS61884
Download  CS61884 Click to download

File Size   1474.26 Kbytes
Page   72 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Octal T1/E1/J1 Line Interface Unit

CS61884 Datasheet (HTML) - Cirrus Logic


CS61884 Product details

Description
The CS61884 is a full-featured octal E1/T1/J1 short-haul LIU that supports both 1.544 Mbps or 2.048 Mbps data transmission. Each channel provides crystal-less jitter attenuation that complies with the most stringent standards. Each channel also provides internal AMI/B8ZS/HDB3 encoding/decoding. To support enhanced system diagnostics, channel zero can be configured for G.772 non-intrusive monitoring of any of the other 7 channels’ receive or transmit paths.

Features
❐ Industry-standard Footprint
❐ Octal E1/T1/J1 Short-haul Line Interface Unit
❐ Low Power
❐ No external component changes for 100 Ω/120 Ω/75 Ω operation.
❐ Pulse shapes can be customized by the user.
❐ Internal AMI, B8ZS, or HDB3 Encoding/Decoding
❐ LOS Detection per T1.231, ITU G.775, ETSI 300-233
❐ G.772 Non-Intrusive Monitoring
❐ G.703 BITS Clock Recovery
❐ Crystal-less Jitter Attenuation
❐ Serial/Parallel Microprocessor Control Interfaces
❐ Transmitter Short Circuit Current Limiter (<50mA)
❐ TX Drivers with Fast High-Z and Power Down
❐ JTAG boundary scan compliant to IEEE 1149.1.
❐ 144-Pin LQFP or 160-Pin BGA Package




Similar Part No. - CS61884

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
CS61884-IB CIRRUS-CS61884-IB Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
CS61884-IQ CIRRUS-CS61884-IQ Datasheet
406Kb / 22P
Octal T1/E1/J1 Line Interface Evaluation Board
CS61884-IQ CIRRUS-CS61884-IQ Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
CS61884-IQZ CIRRUS-CS61884-IQZ Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
More results


Similar Description - CS61884

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
Cirrus Logic
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
Octal T1/E1/J1 Line Interface Evaluation Board
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Integrated Device Techn...
IDT82V2048E IDT-IDT82V2048E Datasheet
1Mb / 76P
OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
Octal T1/E1/J1 Line Interface Unit
logo
Maxim Integrated Produc...
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
5V E1/T1/J1 Line Interface Unit
REV: 011206
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com